Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 75Page - Advanced Micro Devices AM79C960 Datasheet HTML 76Page - Advanced Micro Devices AM79C960 Datasheet HTML 77Page - Advanced Micro Devices AM79C960 Datasheet HTML 78Page - Advanced Micro Devices AM79C960 Datasheet HTML 79Page - Advanced Micro Devices AM79C960 Datasheet HTML 80Page - Advanced Micro Devices AM79C960 Datasheet HTML 81Page - Advanced Micro Devices AM79C960 Datasheet HTML 82Page - Advanced Micro Devices AM79C960 Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 127 page
background image
P R E L I M I N A R Y
AMD
1-421
Am79C960
buffer, it must not change any
field in the descriptor entry.
14
ERR
ERR is the OR of FRAM, OFLO,
CRC, or BUFF. ERR is written by
the PCnet-ISA controller.
13
FRAM
FRAMING
ERROR
indicates
that the incoming frame con-
tained a non-integer multiple of
eight bits and there was an FCS
error. If there was no FCS error
on the incoming frame, then
FRAM will not be set even if there
was a non integer multiple of
eight bits in the frame. FRAM is
not valid in internal loopback
mode. FRAM is valid only when
ENP is set and OFLO is not.
FRAM is written by the PCnet-
ISA controller.
12
OFLO
OVERFLOW error indicates that
the receiver has lost all or part of
the incoming frame, due to an in-
ability to store the frame in a
memory buffer before the inter-
nal FIFO overflowed. OFLO is
valid only when ENP is not set.
OFLO is written by the PCnet-
ISA controller.
11
CRC
CRC indicates that the receiver
has detected a CRC (FCS) error
on the incoming frame. CRC is
valid only when ENP is set and
OFLO is not. CRC is written by
the PCnet-ISA controller.
10
BUFF
BUFFER ERROR is set any time
the PCnet-ISA controller does
not own the next buffer while data
chaining a received frame. This
can occur in either of two ways:
1) The OWN bit of the next
buffer is zero.
2) FIFO overflow occurred
before the PCnet-ISA
controller polled the next
descriptor.
If a Buffer Error occurs, an Over-
flow
Error
may
also
occur
internally in the FIFO, but will not
be reported in the descriptor
status entry unless both BUFF
and OFLO errors occur at the
same time. BUFF is written by
the PCnet-ISA controller.
9
STP
START OF PACKET indicates
that this is the first buffer used by
the PCnet-ISA controller for this
frame. It is used for data chaining
buffers. STP is written by the
PCnet-ISA controller.
8
ENP
END OF PACKET indicates that
this is the last buffer used by the
PCnet-ISA controller for this
frame. It is used for data chaining
buffers. If both STP and ENP are
set, the frame fits into one buffer
and there is no data chaining.
ENP is written by the PCnet-ISA
controller.
7-0
HADR
The HIGH ORDER 8 address
bits of the buffer pointed to by this
descriptor. This field is written by
the host and is not changed by
the PCnet-ISA controller.
RMD2
Bit
Name
Description
15-12 ONES
MUST BE ONES. This field is
written by the host and un-
changed
by
the
PCnet-ISA
controller.
11-0
BCNT
BUFFER BYTE COUNT is the
length of the buffer pointed to by
this descriptor, expressed as the
two’s complement of the length
of the buffer. This field is written
by the host and is not changed by
the PCnet-ISA controller.
RMD3
Bit
Name
Description
15-12
RES
RESERVED and read as zeros.
11-0
MCNT
MESSAGE BYTE COUNT is the
length in bytes of the received
message, expressed as an un-
signed binary integer. MCNT is
valid only when ERR is clear and
ENP is set. MCNT is written by
the PCnet-ISA controller and
cleared by the host.
Transmit Descriptors
The Transmit Descriptor Ring Entries (TDREs) are com-
posed of 4 transmit message fields (TMD0-3). Together
they contain the following information:
s The address of the actual message data buffer in
user or host memory.
s The length of the message buffer.
s Status information indicating the condition of the
buffer. The eight most significant bits of TMD1
(TMD1[15:8]) are collectively termed the STATUS
of the transmit descriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com