Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 61Page - Advanced Micro Devices AM79C960 Datasheet HTML 62Page - Advanced Micro Devices AM79C960 Datasheet HTML 63Page - Advanced Micro Devices AM79C960 Datasheet HTML 64Page - Advanced Micro Devices AM79C960 Datasheet HTML 65Page - Advanced Micro Devices AM79C960 Datasheet HTML 66Page - Advanced Micro Devices AM79C960 Datasheet HTML 67Page - Advanced Micro Devices AM79C960 Datasheet HTML 68Page - Advanced Micro Devices AM79C960 Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 127 page
background image
P R E L I M I N A R Y
AMD
1-407
Am79C960
Transmit
Mode
Select
(AUI
Mode only)
LRT
Low Receive Threshold. When
LRT = “1”, the internal twisted
pair receive thresholds are re-
duced by 4.5 dB below the
standard 10BASE-T value (ap-
proximately
3/5)
and
the
unsquelch threshold for the RXD
circuit will be 180–312 mV peak.
When LRT = “0”, the unsquelch
threshold for the RXD circuit will
be
the
standard
10BASE-T
value, 300–520 mV peak.
In either case, the RXD circuit
post squelch threshold will be
one
half
of
the
unsquelch
threshold.
This bit only has meaning when
the 10BASE-T network interface
is selected.
Read/write accessible only when
STOP bit is set. Cleared by
RESET.
TSEL
Transmit Mode Select. TSEL
controls the levels at which the
AUI drivers rest when the AUI
transmit port is idle. When TSEL
= 0, DO+ and DO- yield “zero” dif-
ferential to operate transformer
coupled loads (Ethernet 2 and
802.3). When TSEL = 1, the DO+
idles at a higher value with re-
spect to DO- , yielding a logical
HIGH state (Ethernet 1).
This bit only has meaning when
the AUI network interface is
selected.
Read/write accessible only when
STOP bit is set. Cleared by
RESET.
8-7
PORTSEL
Port Select bits allow for software
[1:0]
controlled selection of the net-
work medium. Medium selection
can be over ridden by
the
MAUSEL pin if the XMAUSEL bit
in the ISA Configuration Register
is set.
Read/write accessible only when
STOP bit is set. Cleared by
RESET.
The network port configuration
are as follows:
PORTSEL[1:0]
Network Port
0 0
AUI
0 1
10BASE-T
1 0
GPSI*
1 1
Reserved
*Refer to the section on General Purpose Serial Interface for
detailed information on accessing GPSI.
6
INTL
Internal Loopback. See the de-
scription of LOOP, CSR15.2.
Read/write accessible only when
STOP bit is set.
5
DRTY
Disable Retry. When DRTY = “1”,
PCnet-ISA controller will attempt
only one transmission. If DRTY =
“0”, PCnet-ISA controller will
attempt 16 retry attempts before
signaling a retry error.
Read/write accessible only when
STOP bit is set.
4
FCOLL
Force Collision. This bit allows
the collision logic to be tested.
PCnet-ISA controller must be in
internal loopback for FCOLL to
be valid. If FCOLL = “1”, a colli-
sion
will
be
forced
during
loopback transmission attempts;
a Retry Error will ultimately re-
sult. If FCOLL = “0”, the Force
Collision logic will be disabled.
Read/write accessible only when
STOP bit is set.
3
DXMTFCS
Disable Transmit CRC (FCS).
When DXMTFCS = 0, the trans-
mitter will generate and append a
FCS to the transmitted frame.
When DXMTFCS = 1, the FCS
logic is allocated to the receiver
and no FCS is generated or sent
with the transmitted frame.
See also the ADD_FCS bit in
TMD1. If DXMTFCS is set, no
FCS will be generated. If both
DXMTFCS is set and ADD_FCS
is clear for a particular frame, no
FCS
will
be
generated. If
ADD_FCS is set for a particular
frame, the state of DXMTFCS is
ignored and a FCS will be ap-
pended on that frame by the
transmit circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com