Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 50Page - Advanced Micro Devices AM79C960 Datasheet HTML 51Page - Advanced Micro Devices AM79C960 Datasheet HTML 52Page - Advanced Micro Devices AM79C960 Datasheet HTML 53Page - Advanced Micro Devices AM79C960 Datasheet HTML 54Page - Advanced Micro Devices AM79C960 Datasheet HTML 55Page - Advanced Micro Devices AM79C960 Datasheet HTML 56Page - Advanced Micro Devices AM79C960 Datasheet HTML 57Page - Advanced Micro Devices AM79C960 Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 127 page
background image
P R E L I M I N A R Y
AMD
1-396
Am79C960
The address and
SROE go active within 20 ns of the
clock going HIGH. Data is required to be valid 5 ns be-
fore the end of the second clock cycle. Address and
SROE have a 0 ns hold time after the end of the second
clock cycle. Note that the PCnet-ISA controller does not
provide a separate SRAM
CS signal; SRAM CS must
always be asserted.
SRAM Private Bus write cycles require three 50 ns clock
periods to guarantee non-negative address setup and
hold times with regard to
SRWE. The timing is illustrated
as follows:
XTAL1
(20 MHz)
Address/
Data
SRWE
16907B-11
XTAL
(20 MHz)
Address/
Data
SRWE
Static RAM Write Cycle
Address and data are valid 20 ns after the rising edge of
the first clock period.
SRWE goes active 20 ns after the
falling edge of the first clock period.
SRWE goes inactive
20 ns after the falling edge of the third clock period.
Address and data remain valid until the end of the third
clock period. Rise and fall times are nominally 5 ns.
Non-negative setup and hold times for address and data
with respect to
SRWE are guaranteed. SRWE has a
pulse width of typically 100 ns, minimum 75 ns.
Transmit Operation
The transmit operation and features of the PCnet-ISA
controller are controlled by programmable options.
Transmit Function Programming
Automatic transmit features, such as retry on collision,
FCS generation/transmission, and pad field insertion,
can all be programmed to provide flexibility in the
(re-)transmission of messages.
Disable retry on collision (DRTY) is controlled by the
DRTY bit of the Mode register (CSR15) in the initializa-
tion block.
Automatic pad field insertion is controlled by the
APAD_XMT bit in CSR4. If APAD_XMT is set, auto-
matic pad field insertion is enabled, the DXMTFCS
feature is over-ridden, and the 4-byte FCS will be added
to the transmitted frame unconditionally. If APAD_XMT
is cleared, no pad field insertion will take place and runt
packet transmission is possible.
The disable FCS generation/transmission feature can
be programmed dynamically on a frame by frame basis.
See the ADD_FCS description of TMD1.
Transmit FIFO Watermark (XMTFW in CSR80) sets the
point at which the BMU (Buffer Management Unit) re-
quests more data from the transmit buffers for the FIFO.
This point is based upon how many 16-bit bus transfers
(2 bytes) could be performed to the existing empty
space in the transmit FIFO.
Transmit Start Point (XMTSP in CSR80) sets the point
when the transmitter actually tries to go out on the me-
dia. This point is based upon the number of bytes written
to the transmit FIFO for the current frame.
When the entire frame is in the FIFO, attempts at trans-
mission of preamble will commence regardless of the
value in XMTSP. The default value of XMTSP is 10b,
meaning 64 bytes full.
Automatic Pad Generation
Transmit frames can be automatically padded to extend
them to 64 data bytes (excluding preamble). This allows
the minimum frame size of 64 bytes (512 bits) for
802.3/Ethernet to be guaranteed with no software inter-
vention from the host/controlling process. Setting the
APAD_XMT bit in CSR4 enables the automatic padding
feature. The pad is placed between the LLC data field
and FCS field in the 802.3 frame. FCS is always added if
the frame is padded, regardless of the state of
DXMTFCS. The transmit frame will be padded by bytes
with the value of 00h. The default value of APAD_XMT is
0, and this will disable auto pad generation after RESET.
16907B-12
Preamble
1010....1010
SYNC
10101011
Dest
ADDR
Srce
ADDR
Length
LLC
Data
Pad
FCS
56
Bits
8
Bits
6
Bytes
6
Bytes
2
Bytes
46-1500
Bytes
4
Bytes
ISO 8802–3 (IEEE/ANSI 802.3) Data Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com