Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 91 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 91 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 87Page - Advanced Micro Devices AM79C960 Datasheet HTML 88Page - Advanced Micro Devices AM79C960 Datasheet HTML 89Page - Advanced Micro Devices AM79C960 Datasheet HTML 90Page - Advanced Micro Devices AM79C960 Datasheet HTML 91Page - Advanced Micro Devices AM79C960 Datasheet HTML 92Page - Advanced Micro Devices AM79C960 Datasheet HTML 93Page - Advanced Micro Devices AM79C960 Datasheet HTML 94Page - Advanced Micro Devices AM79C960 Datasheet HTML 95Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 127 page
background image
P R E L I M I N A R Y
AMD
1-433
Am79C960
SWITCHING CHARACTERISTICS: BUS MASTER MODE
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Input/Output Write Timing
tIOW1
AEN,
SBHE, SA0–9 Setup
to
↓ IOW
10
ns
tIOW2
AEN,
SBHE,SA0–9 Hold
After
↑ IOW
5ns
tIOW3
IOW Assertion
100
ns
tIOW4
IOW Inactive
55
ns
tIOW5
SD Setup to
↑ IOW
10
ns
tIOW6
SD Hold After
↑ IOW
10
ns
tIOW7
↓ IOCHRDY Delay From ↓ IOW
035
ns
tIOW8
IOCHRDY Inactive
125
ns
tIOW9
↑IOCHRDY to ↑ IOW
0ns
Input/Output Read Timing
tIOR1
AEN,
SBHE, SA0–9 Setup
to
↓ IOR
15
ns
tIOR2
AEN,
SBHE,SA0–9 Hold
After
↑ IOR
5ns
tIOR3
IOR Inactive
55
ns
tIOR4
SD Hold After
↑ IOR
020
ns
tIOR5
SD Valid From
↓ IOR
0
110
ns
tIOR6
↓ IOCHRDY Delay From ↓ IOR
035
ns
tIOR7
IOCHRDY Inactive
125
ns
tIOR8
SD Valid From
↑ IOCHRDY
–130
10
ns
I/O To Memory Command Inactive
tIOM1
↑ IOW/MEMW to ↓ (S)MEMR/IOR
55
ns
tIOM2
↑ (S)MEMR/IOR to ↓ IOW/MEMW
55
ns
IOCS16 Timing
tIOCS1
AEN,
SBHE, SA0–9 to
↓ IOCS16
035
ns
tIOCS2
AEN,
SBHE, SA0–9 to IOCS16
Tristated
0
25
ns
Master Mode Bus Acquisition
tMMA1
REF Inactive to
↓ DACK
5ns
tMMA2
↑ DRQ to ↓ DACK
0ns
tMMA3
DACK Inactive
55
ns
tMMA4
↓ DACK to ↓ MASTER
35
ns
tMMA5
↓ MASTER to Active Command,
125
185
ns
SBHE, SA0–19, LA17–23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com