Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 88 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 88 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 84Page - Advanced Micro Devices AM79C960 Datasheet HTML 85Page - Advanced Micro Devices AM79C960 Datasheet HTML 86Page - Advanced Micro Devices AM79C960 Datasheet HTML 87Page - Advanced Micro Devices AM79C960 Datasheet HTML 88Page - Advanced Micro Devices AM79C960 Datasheet HTML 89Page - Advanced Micro Devices AM79C960 Datasheet HTML 90Page - Advanced Micro Devices AM79C960 Datasheet HTML 91Page - Advanced Micro Devices AM79C960 Datasheet HTML 92Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 127 page
background image
P R E L I M I N A R Y
AMD
1-430
Am79C960
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . .
Ambient Temperature
Under Bias
0
°C to +70°C
. . . . . . . . . . . . . . . . . . . . . .
Supply Voltage to AVss
or DVSS (AVDD, DVDD)
–0.3 V to +6.0 V
. . . . . . . . . . .
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to Absolute Maxi-
mum Ratings for extended periods may affect device
reliability. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA)0
°C to +70°C
. . . . . . . . . . . . . . . . .
Supply Voltages
(AVDD, DVDD)5 V
±5%
. . . . . . . . . . . . . . . . . . . . . . . .
All inputs within the range:
AVSS – 0.5 V
≤ Vin ≤
. . . . .
AVDD + 0.5 V, or
DVSS – 0.5 V
≤ Vin ≤
DVDD + 0.5 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise
specified (refer to page 19 for driver types)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Digital Input Voltage
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
DVDD + 0.5
V
Digital Output Voltage
VOL
Output LOW Voltage
0.5
V
VOH
Output HIGH Voltage
(Note 1)
2.4
V
Digital Input Leakage Current
IIX
Input Leakage Current
VDD = 5 V, VIN = 0 V
(Note 2)
–10
10
µA
Digital Output Leakage Current
IOZL
Output Low Leakage
Current (Note 3)
VOUT = 0 V
–10
µA
IOZH
Output High Leakage
Current (Note 3)
VOUT = VDD
10
µA
Crystal Input Current
VILX
XTAL1 Input LOW
Threshold Voltage
VIN = External Clock
–0.5
0.8
V
VIHX
XTAL1 Input HIGH
Threshold Voltage
VIN = External Clock
3.5
VDD + 0.5
V
Attachment Unit Interface
IIAXD
Input Current at DI+
and DI–
AVSS < VIN < AVDD
–500
+500
µA
IIAXC
Input current at
CI+ and CI–
AVSS < VIN < AVDD
–500
+500
µA
VAOD
Differential Output Voltage
|(DO+)–(DO–)|
RL = 78
Ω
630
1200
mV
VAODOFF
Transmit Differential Output
Idle Voltage
RL = 78
Ω (Note 5)
–40
+40
mV
Active
Sleep
Active
Sleep
IILX
XTAL1 Input LOW Current
IIHX
XTAL1 Input HIGH Current
VIN = DVSS
VIN = VDD
0
–10
+10
µA
µA
120
400
µA
µA
–120
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com