Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 57Page - Advanced Micro Devices AM79C960 Datasheet HTML 58Page - Advanced Micro Devices AM79C960 Datasheet HTML 59Page - Advanced Micro Devices AM79C960 Datasheet HTML 60Page - Advanced Micro Devices AM79C960 Datasheet HTML 61Page - Advanced Micro Devices AM79C960 Datasheet HTML 62Page - Advanced Micro Devices AM79C960 Datasheet HTML 63Page - Advanced Micro Devices AM79C960 Datasheet HTML 64Page - Advanced Micro Devices AM79C960 Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 127 page
background image
P R E L I M I N A R Y
AMD
1-403
Am79C960
2
STOP
STOP assertion disables the chip
from all external activity. The chip
remains
inactive
until
either
STRT or INIT are set. If STOP,
STRT and INIT are all set to-
gether, STOP will override STRT
and INIT.
STOP is set by writing a “1” or by
RESET. Writing a “0” has no ef-
fect. STOP is cleared by setting
either STRT or INIT.
1
STRT
STRT
assertion
enables
PCnet-ISA controller to send and
receive frames, and perform
buffer management operations.
Setting STRT clears the STOP
bit. If STRT and INIT are set to-
gether,
PCnet-ISA
controller
initialization will be performed
first.
STRT is set by writing a “1”. Writ-
ing a “0” has no effect. STRT is
cleared by RESET or by setting
the STOP bit.
0
INIT
INIT
assertion
enables
PCnet-ISA controller to begin the
initialization
procedure
which
reads in the initialization block
from memory. Setting INIT clears
the STOP bit. If STRT and INIT
are set together, PCnet-ISA con-
troller
initialization
will
be
performed
first.
INIT
is
not
cleared when the initialization se-
quence has completed.
INIT is set by writing a “1”. Writing
a “0” has no effect. INIT is cleared
by RESET or by setting the
STOP bit.
CSR1: IADR[15:0]
Bit
Name
Description
15-0 IADR [15:0]
Lower address of the Initializa-
tion address register. Bit location
0 must be zero. Whenever this
register is written, CSR16 is up-
dated with CSR1’s contents.
Read/Write
accessible
only
when the STOP bit in CSR0 is
set. Unaffected by RESET.
CSR2: IADR[23:16]
Bit
Name
Description
15-8
RES
Reserved locations. Read and
written as zero.
7-0 IADR [23:16]
Upper 8 bits of the address of the
Initialization Block. Bit locations
15-8 must be written with zeros.
Whenever this register is written,
CSR17 is updated with CSR2’s
contents.
Read/Write
accessible
only
when the STOP bit in CSR0 is
set. Unaffected by RESET.
CSR3: Interrupt Masks and Deferral Control
Bit
Name
Description
15
RES
Reserved location. Written as
zero and read as undefined.
14
BABLM
Babble Mask. If BABLM is set,
the BABL bit in CSR0 will be
masked and will not set INTR flag
in CSR0.
BABLM is cleared by RESET and
is not affected by STOP.
13
RES
Reserved location. Written as
zero and read as undefined.
12
MISSM
Missed Frame Mask. If MISSM is
set, the MISS bit in CSR0 will be
masked and will not set INTR flag
in CSR0.
MISSM is cleared by RESET and
is not affected by STOP.
11
MERRM
Memory Error Mask. If MERRM
is set, the MERR bit in CSR0 will
be masked and will not set INTR
flag in CSR0.
MERRM is cleared by RESET
and is not affected by STOP.
10
RINTM
Receive
Interrupt
Mask.
If
RINTM is set, the RINT bit in
CSR0 will be masked and will not
set INTR flag in CSR0.
RINTM is cleared by RESET and
is not affected by STOP.
9
TINTM
Transmit
Interrupt
Mask.
If
TINTM is set, the TINT bit in
CSR0 will be masked and will not
set INTR flag in CSR0.
TINTM is cleared by RESET and
is not affected by STOP.
8
IDONM
Initialization
Done
Mask.
If
IDONM is set, the IDON bit in
CSR0 will be masked and will not
set INTR flag in CSR0.
IDONM is cleared by RESET and
is not affected by STOP.
7-5
RES
Reserved locations. Written as
zero and read as undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com