Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 85 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 85 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 81Page - Advanced Micro Devices AM79C960 Datasheet HTML 82Page - Advanced Micro Devices AM79C960 Datasheet HTML 83Page - Advanced Micro Devices AM79C960 Datasheet HTML 84Page - Advanced Micro Devices AM79C960 Datasheet HTML 85Page - Advanced Micro Devices AM79C960 Datasheet HTML 86Page - Advanced Micro Devices AM79C960 Datasheet HTML 87Page - Advanced Micro Devices AM79C960 Datasheet HTML 88Page - Advanced Micro Devices AM79C960 Datasheet HTML 89Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 127 page
background image
P R E L I M I N A R Y
AMD
1-427
Am79C960
SYSTEM APPLICATION
ISA Bus Interface
Compatibility Considerations
Although 8 MHz is now widely accepted as the standard
speed at which to run the ISA bus, many machines have
been built which operate at higher speeds with non-
standard timing. Some machines do not correctly
support 16-bit I/O operations with wait states. Although
the PCnet-ISA controller is quite fast, some operations
still require an occasional wait state. The PCnet-ISA
controller moves data through memory accesses, there-
fore, I/O operations do not affect performance. By
configuring the PCnet-ISA controller as an 8-bit I/O de-
vice, compatibility with PC/AT-class machines is
obtained at virtually no cost in performance. To treat the
PCnet-ISA controller as an 8-bit software resource (for
non-ISA applications), the even-byte must be accessed
first, followed by an odd-byte access.
Memory cycle timing is an area where some tradeoffs
may be necessary. Any slow down in a memory cycle
translates directly into lower bandwidth. The PCnet-ISA
controller starts out with much higher bandwidth than
most slave type controllers and should continue to be
superior even if an extra 50 or 100 ns are added to mem-
ory cycles.
The memory cycle active time is tunable in 50 ns incre-
ments with a default of 250 ns. The memory cycle idle
time defaults to 200 ns and can be reprogrammed to
100 ns. See register description for ISACS42. Most ma-
chines should not need tuning.
The PCnet-ISA controller is compatible with NE2100
and NE1500T software drivers. All the resources such
as address PROM, boot PROM, RAP, and RDP are in
the same location with the same semantics. An addi-
tional set of registers (ISA CSR) is available to configure
on board resources such as ISA bus timing and LED op-
eration. However, loopback frames for the PCnet-ISA
controller must contain more than 64 bytes of data if the
Runt Packet Accept feature is not enabled; this size limi-
tation does not apply to LANCE (Am7990) based boards
such as the NE2100 and NE1500T.
Bus Master
Bus Master mode is the preferred mode for client appli-
cations on PC/AT or similar machines supporting 16-bit
DMA with its unsurpassed combination of high perform-
ance and low cost.
Shared Memory
The shared memory mode is recommended for file serv-
ers or other applications where there is very high,
average or peak latency.
The address compare circuit has the following
functions. It receives the 7 LA signals, generates
MEMCS16, and compares them to the desired shared
memory and boot PROM addresses. The logic latches
the address compare result when BALE goes inactive
and uses this result along with
REF (must be deas-
serted) and the appropriate SA signals to generate
SMAM and BPAM.
All these functions can be performed in one PAL device.
Assume both memories are 8 Kbytes and are in the
same 128 Kbyte region. SA16,15,14,13 are required to
select 8 Kbytes, and there are 7 LA pins. Counting the
MEMCS16 pin, the latched compare pin, four SA pins,
the
REF pin, the SMAM pin and the BPAM pin, we find a
total of 16 pins which can easily fit into one PAL device.
To operate in an 8–bit PC/XT environment, the LA
signals should have weak pull-down resistors con-
nected to them to present a logic 0 level when not driven.
SD0–15
SA0–19
LA17–23
PRDB0–7
APCS
BPCS
D0–7
A0–X
A0–X
D0–7
ISA
Bus
16-Bit System Data
24-Bit System
Address
PCnet-ISA
Controller
8-Bit Private Data
Ethernet
Address
PROM
Boot
PROM
16907B-5
CS
CS
Bus Master Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com