Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 78Page - Advanced Micro Devices AM79C960 Datasheet HTML 79Page - Advanced Micro Devices AM79C960 Datasheet HTML 80Page - Advanced Micro Devices AM79C960 Datasheet HTML 81Page - Advanced Micro Devices AM79C960 Datasheet HTML 82Page - Advanced Micro Devices AM79C960 Datasheet HTML 83Page - Advanced Micro Devices AM79C960 Datasheet HTML 84Page - Advanced Micro Devices AM79C960 Datasheet HTML 85Page - Advanced Micro Devices AM79C960 Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 127 page
background image
P R E L I M I N A R Y
AMD
1-424
Am79C960
Register Summary
Ethernet Controller Registers (accessed via RDP
port)
User
RAP Addr
Symbol
Width
Register
Comments
00
CSR0
16-bit
Y
PCnet-ISA Controller Status
01
CSR1
16-bit
Y
Lower IADR: maps to location 16
02
CSR2
16-bit
Y
Upper IADR: maps to location 17
03
CSR3
16-bit
Y
Mask Register
04
CSR4
16-bit
Y
Miscellaneous Register
05
CSR5
16-bit
Reserved
06
CSR6
16-bit
RCV/XMT Descriptor Table Length
07
CSR7
16-bit
Reserved
08
CSR8
16-bit
Y
LADR0: LADRF[15:0]
09
CSR9
16-bit
Y
LADR1: LADRF[31:16]
10
CSR10
16-bit
Y
LADR2: LADRF[47:32]
11
CSR11
16-bit
Y
LADR3: LADRF[63:48]
12
CSR12
16-bit
Y
PADR0: PADR[15:0]
13
CSR13
16-bit
Y
PADR1: PADR[31:16]
14
CSR14
16-bit
Y
PADR2: PADR[47:32]
15
CSR15
16-bit
Y
MODE: Mode Register
16–17
CSR16
32-bit
IADR: Base Address of INIT Block
18–19
CSR18
32-bit
CRBA: Current RCV Buffer Address
20–21
CSR20
32-bit
CXBA: Current XMT Buffer Address
22–23
CSR22
32-bit
NRBA: Next RCV Buffer Address
24–25
CSR24
32-bit
Y
BADR: Base Address of RCV Ring
26–27
CSR26
32-bit
NRDA: Next RCV Descriptor Address
28–29
CSR28
32-bit
CRDA: Current RCV Descriptor Address
30–31
CSR30
32-bit
Y
BADX: Base Address of XMT Ring
32–33
CSR32
32-bit
NXDA: Next XMT Descriptor Address
34–35
CSR34
32-bit
CXDA: Current XMT Descriptor Address
36–37
CSR36
32-bit
Next Next Receive Descriptor Address
38–39
CSR38
32-bit
Next Next Transmit Descriptor Address
40–41
CSR40
32-bit
CRBC: Current RCV Stat and Byte Count
42–43
CSR42
32-bit
CXBC: Current XMT Status and Byte Count
44–45
CSR44
32-bit
NRBC: Next RCV Stat and Byte Count
46
CSR46
16-bit
POLL: Poll Time Counter
47
CSR47
32-bit
Polling Interval
48–49
CSR48
32-bit
TMP0: Temporary Storage
50–51
CSR50
32-bit
TMP1: Temporary Storage
52–53
CSR52
32-bit
TMP2: Temporary Storage
54–55
CSR54
32-bit
TMP3: Temporary Storage
56–57
CSR56
32-bit
TMP4: Temporary Storage
58–59
CSR58
32-bit
TMP5: Temporary Storage
60–61
CSR60
32-bit
PXDA: Previous XMT Descriptor Address
62–63
CSR62
32-bit
PXBC: Previous XMT Status and Byte Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com