Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 86Page - Advanced Micro Devices AM79C960 Datasheet HTML 87Page - Advanced Micro Devices AM79C960 Datasheet HTML 88Page - Advanced Micro Devices AM79C960 Datasheet HTML 89Page - Advanced Micro Devices AM79C960 Datasheet HTML 90Page - Advanced Micro Devices AM79C960 Datasheet HTML 91Page - Advanced Micro Devices AM79C960 Datasheet HTML 92Page - Advanced Micro Devices AM79C960 Datasheet HTML 93Page - Advanced Micro Devices AM79C960 Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 127 page
background image
P R E L I M I N A R Y
AMD
1-432
Am79C960
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise
specified (continued)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Twisted Pair Interface (continued)
VRXDTH
RXD Switching Threshold
(Note 5)
–35
35
mV
VTXH
TXD
± and TXP± Output
HIGH Voltage
DVSS = 0 V
DVDD – 0.6
DVDD
V
VTXL
TXD
± and TXP± Output
LOW Voltage
DVDD = +5 V
DVSS
DVSS + 0.6
V
VTXI
TXD
± and TXP±
Differential Output
Voltage Imbalance
–40
+40
mV
VTXOFF
TXD
± and TXP± Idle
Output Voltage
DVDD = +5 V
–40
+40
mV
RTX
TXD
± Differential Driver
Output Impedance
(Note 5)
40
Ω
TXP
± Differential Driver
Output Impedance
(Note 5)
80
Ω
IEEE 1149.1 (JTAG) Test Port
VIL
TCK, TMS, TDI
0.8
V
VIH
TCK, TMS, TDI
2.0
V
VOL
TDO
IOL = 2.0 mA
0.4
V
VOH
TDO
IOH = –0.4 mA
2.4
V
IIL
TCK, TMS, TDI
VDD = 5.5 V, VI = 0.5 V
–200
µA
IIH
TCK, TMS, TDI
VDD =5.5V, VI = 2.7V
–100
µA
IOZ
TDO
0.4V < VOUT < VDD
–10
+10
µA
Power Supply Current
IDD
Active Power Supply Current
XTAL1 = 20 MHz
75
mA
IDDCOMA
Coma Mode Power
Supply Current
SLEEP active
200
µA
IDDSNOOZE
Snooze Mode Power
Supply Current
Awake bit set active
10
mA
Notes:
1. VOH does not apply to open-drain output pins.
2. IIX applies to all input only pins except DI
±, CI±, and XTAL1.
3. IOZL applies to all three-state output pins and bi-directional pins, except PRDB[7:0]. IOZH applies to pins PRDB[7:0].
4. Correlated to other tested parameters—not tested directly.
5. Parameter not tested.
6. LRT is bit 9 of Mode register (CSR15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com