Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 80Page - Advanced Micro Devices AM79C960 Datasheet HTML 81Page - Advanced Micro Devices AM79C960 Datasheet HTML 82Page - Advanced Micro Devices AM79C960 Datasheet HTML 83Page - Advanced Micro Devices AM79C960 Datasheet HTML 84Page - Advanced Micro Devices AM79C960 Datasheet HTML 85Page - Advanced Micro Devices AM79C960 Datasheet HTML 86Page - Advanced Micro Devices AM79C960 Datasheet HTML 87Page - Advanced Micro Devices AM79C960 Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 127 page
background image
P R E L I M I N A R Y
AMD
1-426
Am79C960
Register Summary
ISACSR—ISA Bus Configuration Registers (ac-
cessed via IDP port)
RAP Addr
Mnemonic
Default
Name
0
MSRDA
0005H
Master Mode Read Active
1
MSWRA
0005H
Master Mode Write Active
2
MC
0002H
Miscellaneous Configuration
3
Reserved
N/A
Reserved for future AMD use
4
LED0
0000H
LED0 Status (Link Integrity)
5
LED1
0084H
LED1 Status (Default: RCV)
6
LED2
0008H
LED2 Status (Default: RCVPOL)
7
LED3
0090H
LED3 Status (Default: XMT)
I/O Address Offset
Offset
#Bytes
Register
0h
16
Address PROM
10h
2
RDP
12h
2
RAP (shared by RDP and IDP)
14h
2
Reset
16h
2
IDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com