Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 65Page - Advanced Micro Devices AM79C960 Datasheet HTML 66Page - Advanced Micro Devices AM79C960 Datasheet HTML 67Page - Advanced Micro Devices AM79C960 Datasheet HTML 68Page - Advanced Micro Devices AM79C960 Datasheet HTML 69Page - Advanced Micro Devices AM79C960 Datasheet HTML 70Page - Advanced Micro Devices AM79C960 Datasheet HTML 71Page - Advanced Micro Devices AM79C960 Datasheet HTML 72Page - Advanced Micro Devices AM79C960 Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 127 page
background image
P R E L I M I N A R Y
AMD
1-411
Am79C960
CSR50-51: Temporary Storage
Bit
Name
Description
31-0
TMP1
Temporary Storage location.
Read/write accessible only when
STOP bit is set.
CSR52-53: Temporary Storage
Bit
Name
Description
31-0
TMP2
Temporary Storage location.
Read/write accessible only when
STOP bit is set.
CSR54-55: Temporary Storage
Bit
Name
Description
31-0
TMP3
Temporary Storage location.
Read/write accessible only when
STOP bit is set.
CSR56-57: Temporary Storage
Bit
Name
Description
31-0
TMP4
Temporary Storage location.
Read/write accessible only when
STOP bit is set.
CSR58-59: Temporary Storage
Bit
Name
Description
31-0
TMP5
Temporary Storage location.
Read/write accessible only when
STOP bit is set.
CSR60-61: Previous Transmit Descriptor Address
Bit
Name
Description
31-24
RES
Reserved locations. Written as
zero and read as undefined.
23-0
PXDA
Contains the previous TDRE ad-
dress pointer. The PCnet-ISA
controller has the capability to
stack multiple transmit frames.
Read/write accessible only when
STOP bit is set.
CSR62-63: Previous Transmit Status and Byte
Count
Bit
Name
Description
31-24
PXST
Previous Transmit Status. This
field is a copy of bits 15:8 of
TMD1 of the previous transmit
descriptor.
Read/write accessible only when
STOP bit is set.
23-12
RES
Reserved locations. Written as
zero and read as undefined.
Accessible only when STOP bit is
set.
11-0
PXBC
Previous Transmit Byte Count.
This field is a copy of the BCNT
field of TMD2 of the previous
transmit descriptor.
Read/write accessible only when
STOP bit is set.
CSR64-65: Next Transmit Buffer Address
Bit
Name
Description
31-24
RES
Reserved locations. Written as
zero and read as undefined.
23-0
NXBA
Contains the next transmit buffer
address
from
which
the
PCnet-ISA controller will transmit
an outgoing frame.
Read/write accessible only when
STOP bit is set.
CSR66-67: Next Transmit Status and Byte Count
Bit
Name
Description
31-24
NXST
Next Transmit Status. This field
is a copy of bits 15:8 of TMD1 of
the next transmit descriptor.
Read/write accessible only when
STOP bit is set.
23-12
RES
Reserved locations. Written as
zero and read as undefined.
Accessible only when STOP bit is
set.
11-0
NXBC
Next Transmit Byte Count. This
field is a copy of the BCNT field of
TMD2
of
the
next
transmit
descriptor.
Read/write accessible only when
STOP bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com