Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 68Page - Advanced Micro Devices AM79C960 Datasheet HTML 69Page - Advanced Micro Devices AM79C960 Datasheet HTML 70Page - Advanced Micro Devices AM79C960 Datasheet HTML 71Page - Advanced Micro Devices AM79C960 Datasheet HTML 72Page - Advanced Micro Devices AM79C960 Datasheet HTML 73Page - Advanced Micro Devices AM79C960 Datasheet HTML 74Page - Advanced Micro Devices AM79C960 Datasheet HTML 75Page - Advanced Micro Devices AM79C960 Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 127 page
background image
P R E L I M I N A R Y
AMD
1-414
Am79C960
ENTST bit in CSR4 is set, all
writes to this register will auto-
matically perform a decrement
cycle.
When the Bus Activity Timer reg-
ister
(CSR82:
DMABAT)
is
enabled, the PCnet-ISA control-
ler will relinquish the bus when
either
the
time
specified
in
DMABAT has elapsed or the
number of transfers specified in
DMABR have occured. When
ENTST (CSR4.15) is asserted,
all writes to this register will auto-
matically perform a decrement
cycle.
Read/write accessible only when
STOP bit is set.
CSR84-85: DMA Address
Bit
Name
Description
31-0
DMABA
DMA Address Register.
This register contains the ad-
dress of system memory for the
current DMA cycle. The Bus In-
terface Unit controls the Address
Register by issuing increment
commands
to
increment
the
memory address for sequential
operations. The DMABA register
is
undefined
until
the
first
PCnet-ISA controller DMA op-
eration. When the ENTST bit in
CSR4 is set, all writes to this reg-
ister will automatically perform
an increment cycle.
This register has meaning only if
the PCnet-ISA controller is in Bus
Master Mode.
Read/write accessible only when
STOP bit is set.
CSR86: Buffer Byte Counter
Bit
Name
Description
15-12
RES
Reserved, Read and written with
ones.
11-0
DMABC
DMA Byte Count Register. Con-
tains a Two’s complement of the
current size of the remaining
transmit or receive buffer in
bytes. This register is incre-
mented by the Bus Interface Unit.
The DMABC register is unde-
fined until written. When ENTST
(CSR4.15) is asserted, all writes
to this register will automatically
perform an increment cycle.
Read/write accessible only when
STOP bit is set.
CSR88-89: Chip ID
Bit
Name
Description
31-28
Version. This 4-bit pattern is sili-
con revision dependent.
27-12
Part number. The 16-bit code for
the
PCnet-ISA
controller
is
0000000000000011b.
11-1
Manufacturer
ID.
The
11-bit
manufacturer code for AMD is
00000000001b. This code is per
the JEDEC Publication 106-A.
0
Always a logic 1.
This register is exactly the same
as the Chip ID register in the
JTAG description.
CSR92: Ring Length Conversion
Bit
Name
Description
15-0
RCON
Ring Length Conversion Regis-
ter. This register performs a ring
length conversion from an en-
coded value as found in the
initialization block to a Two’s
complement value used for inter-
nal counting. By writing bits
15-12 with an encoded ring
length, a Two’s complemented
value is read. The RCON register
is undefined until written.
Read/write accessible only when
STOP bit is set.
CSR94:Transmit Time Domain Reflectometry
Count
Bit
Name
Description
15-10
RES
Reserved locations. Read and
written as zero.
9-0
XMTTDR
Time Domain Reflectometry re-
flects the state of an internal
counter that counts from the start
of transmission to the occurrence
of loss of carrier. TDR is incre-
mented at a rate of 10 MHz.
Read
accessible
only
when
STOP bit is set. Write operations
are ignored. XMTTDR is cleared
by RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com