Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 70Page - Advanced Micro Devices AM79C960 Datasheet HTML 71Page - Advanced Micro Devices AM79C960 Datasheet HTML 72Page - Advanced Micro Devices AM79C960 Datasheet HTML 73Page - Advanced Micro Devices AM79C960 Datasheet HTML 74Page - Advanced Micro Devices AM79C960 Datasheet HTML 75Page - Advanced Micro Devices AM79C960 Datasheet HTML 76Page - Advanced Micro Devices AM79C960 Datasheet HTML 77Page - Advanced Micro Devices AM79C960 Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 127 page
background image
P R E L I M I N A R Y
AMD
1-416
Am79C960
15-5
RES
Reserved locations. Written as
zero and read as undefined.
4
GPSIEN
This mode places the PCnet-ISA
controller in the GPSI Mode. This
mode will reconfigure the Exter-
nal Address Pins so that the
GPSI port is exposed. This al-
lows bypassing the MENDEC-
TMAU logic. This bit should only
be set if the external logic sup-
ports GPSI operation. Damage
to the device may occur in a non-
GPSI configuration. Refer to the
GPSI section.
3
RPA
Runt Packet Accept. This bit
forces the CORE receive logic to
accept Runt Packets. This bit al-
lows for faster testing.
2-0
RES
For test purposes only. Reserved
locations. Written as zero and
read as undefined.
ISA Bus Configuration Registers
The ISA Bus Data Port (IDP) allows access to registers
which are associated with the ISA bus. These registers
are called ISA Bus Configuration Registers (ISACSRs),
and are indexed by the value in the Register Address
Port (RAP). The table below defines the ISACSRs which
can be accessed. All registers are 16 bits. The “Default”
value is the value in the register after reset and is
hexadecimal.
ISACSR
MNEMONIC
Default
Name
0
MSRDA
0005H
Master Mode
Read Active
1
MSWRA
0005H
Master Mode
Write Active
2
MC
0002H
Miscellaneous
Configuration
3
Reserved
N/A
Reserved for
future AMD use
4
LED0
0000H
Link Integrity
5
LED1
0084H
Default: RCV
6
LED2
0008H
Default: RCVPOL
7
LED3
0090H
Default: XMT
ISACSR0: Master Mode Read Active
Bit
Name
Description
15-4
RES
Reserved locations. Written as
zero and read as undefined.
3-0
MSRDA
This register is used to tune the
MEMR command signal active
time. The value stored in MSRDA
defines the number of 50 ns peri-
ods that the command signal is
active. The default value of 5h in-
dicates 250 ns pulse widths. A
value of 0 or 1 will generate 50 ns
wide commands.
ISACSR1: Master Mode Write Active
Bit
Name
Description
15-4
RES
Reserved locations. Written as
zero and read as undefined.
3-0
MSWRA
This register is used to tune the
MEMW command signal active
time.
The
value
stored
in
MSWRA defines the number of
50 ns periods that the command
signal is active. The default value
of 5h indicates 250 ns pulse
widths. A value of 0 or 1 will gen-
erate 50 ns wide commands.
ISACSR2: Miscellaneous Configuration
Bit
Name
Description
15 MODE_STATUS Mode Status. This is a read-only
register which indicates whether
the PCnet-ISA is configured in
shared memory mode.
A set
condition
indicates
shared-
memory while a clear condition
indicates bus-master condition.
14-8
RES
Reserved locations. Written and
read as zero.
7
EISA_LVL
EISA_LVL allows for EISA level-
sensitive
interrupt
support.
EISA_LVL
is
cleared
when
RESET
is
asserted.
When
EISA_LVL is a zero, the IRQ pin
is configured for ISA edge sensi-
tive full CMOS driver. When
EISA_LVL is set by writing a one,
the IRQ pin is configured as an
EISA
level-sensitive
interrupt
open
drain
output.
When
EISA_LVL is set to one, the IRQ
pin assertion level is active low.
6-5
RES
Reserved locations. Written and
read as zero.
4
ISAINACT
ISAINACT allows for reduced in-
active
timing
appropriate
for
modern
ISA
machines.
ISAINACT
is
cleared
when
RESET
is
asserted.
When
ISAINACT is a zero, tMMR3 and
tMMW3 parameters are nomi-
nally 200 ns, which is com-
patible with EISA system. When
ISAINACT is set by writing a one,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com