Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 97 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 97 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 93Page - Advanced Micro Devices AM79C960 Datasheet HTML 94Page - Advanced Micro Devices AM79C960 Datasheet HTML 95Page - Advanced Micro Devices AM79C960 Datasheet HTML 96Page - Advanced Micro Devices AM79C960 Datasheet HTML 97Page - Advanced Micro Devices AM79C960 Datasheet HTML 98Page - Advanced Micro Devices AM79C960 Datasheet HTML 99Page - Advanced Micro Devices AM79C960 Datasheet HTML 100Page - Advanced Micro Devices AM79C960 Datasheet HTML 101Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 127 page
background image
P R E L I M I N A R Y
AMD
1-439
Am79C960
SWITCHING CHARACTERISTICS: EADI
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
tEAD1
SRD Setup to
↑ SRDCLK
40
ns
tEAD2
SRD Hold to
↑ SRDCLK
40
ns
tEAD3
SF/BD Change to
↓ SRDCLK
–15
+15
ns
tEAD4
EAR Deassertion to
↑
SRDCLK (First Rising Edge)
50
ns
tEAD5
EAR Assertion After SFD
Event (Packet Rejection)
0
51,090
ns
tEAD6
EAR Assertion
110
ns
Note:
External Address Detection Interface is invoked by setting bit 3 in ISACSR2 and resetting bit 0 in ISACSR2. External
MAU select is not available when EADISEL bit is set.
SWITCHING CHARACTERISTICS: JTAG (IEEE 1149.1) INTERFACE
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
tJTG1
TCK HIGH Assertion
20
ns
tJTG2
TCK Period
50
ns
tJTG3
TDI Setup Before
↑ TCK
5
ns
tJTG4
TDI, TMS Hold After
↑ TCK
5
ns
tJTG5
TMS Setup Before
↑ TCK
8
ns
tJTG6
TDO Active After
↓ TCK
0
30
ns
tJTG7
TDO Change After
↓ TCK
0
30
ns
tJTG8
TDO Tristate After
↓ TCK
0
25
ns
Note:
JTAG logic is reset with an internal Power-On Reset circuit independent of Sleep Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com