Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 64Page - Advanced Micro Devices AM79C960 Datasheet HTML 65Page - Advanced Micro Devices AM79C960 Datasheet HTML 66Page - Advanced Micro Devices AM79C960 Datasheet HTML 67Page - Advanced Micro Devices AM79C960 Datasheet HTML 68Page - Advanced Micro Devices AM79C960 Datasheet HTML 69Page - Advanced Micro Devices AM79C960 Datasheet HTML 70Page - Advanced Micro Devices AM79C960 Datasheet HTML 71Page - Advanced Micro Devices AM79C960 Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 127 page
background image
P R E L I M I N A R Y
AMD
1-410
Am79C960
Read/write accessible only when
STOP bit is set.
23-12
RES
Reserved locations. Written as
zero and read as undefined.
11-0
CRBC
Current Receive Byte Count.
This field is a copy of the BCNT
field of RMD2 of the current re-
ceive descriptor.
Read/write accessible only when
STOP bit is set.
CSR42-43: Current Transmit Status and Byte
Count
Bit
Name
Description
31-24
CXST
Current Transmit Status.
This
field is a copy of bits 15:8 of
TMD1 of the current transmit
descriptor.
Read/write accessible only when
STOP bit is set.
23-12
RES
Reserved locations. Written as
zero and read as undefined.
11-0
CXBC
Current Transmit Byte Count.
This field is a copy of the BCNT
field of TMD2 of the current trans-
mit descriptor.
Read/write accessible only when
STOP bit is set.
CSR44-45: Next Receive Status and Byte Count
Bit
Name
Description
31-24 NRST
Next Receive Status. This field is
a copy of bits 15:8 of RMD1 of the
next receive descriptor.
Read/write accessible only when
STOP bit is set.
23-12
RES
Reserved locations. Written as
zero and read as undefined.
11-0
NRBC
Next Receive Byte Count. This
field is a copy of the BCNT field of
RMD2
of
the
next
receive
descriptor.
Read/write accessible only when
STOP bit is set.
CSR46: Poll Time Counter
Bit
Name
Description
15-0
POLL
Poll Time Counter. This counter
is incremented by the PCnet-ISA
controller microcode and is used
to trigger the descriptor ring poll-
ing operation of the PCnet-ISA
controller.
Read/write accessible only when
STOP bit is set.
CSR47: Polling Interval
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zero and read as undefined.
15-0 POLLINT
Polling Interval. This register
contains
the
time
that
the
PCnet-ISA controller will wait
between successive polling op-
erations. The POLLINT value is
expressed as the two’s comple-
ment of the desired interval,
where each bit of POLLINT rep-
resents one-half of an XTAL1
period of time. POLLINT[3:0] are
ignored. (POLINT[16] is implied
to be a one, so POLLINT[15] is
significant, and does not repre-
sent
the
sign
of
the
two’s
complement POLLINT value.)
The default value of this register
is 0000. This corresponds to a
polling interval of 32,768 XTAL1
periods. The POLINT value of
0000
is
created
during
the
microcode initialization routine,
and therefore might not be seen
when
reading
CSR47
after
RESET.
If the user desires to program a
value for POLLINT other than the
default, then the correct proce-
dure is to first set INIT only in
CSR0. Then, when the initializa-
tion sequence is complete, the
user must set STOP in CSR0.
Then the user may write to
CSR47 and then set STRT in
CSR0. In this way, the default
value of 0000 in CSR47 will be
overwritten with the desired user
value.
Read/write accessible only when
STOP bit is set.
CSR48-49: Temporary Storage
Bit
Name
Description
31-0
TMP0
Temporary Storage location.
Read/write accessible only when
STOP bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com