Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 28Page - Advanced Micro Devices AM79C960 Datasheet HTML 29Page - Advanced Micro Devices AM79C960 Datasheet HTML 30Page - Advanced Micro Devices AM79C960 Datasheet HTML 31Page - Advanced Micro Devices AM79C960 Datasheet HTML 32Page - Advanced Micro Devices AM79C960 Datasheet HTML 33Page - Advanced Micro Devices AM79C960 Datasheet HTML 34Page - Advanced Micro Devices AM79C960 Datasheet HTML 35Page - Advanced Micro Devices AM79C960 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 127 page
background image
P R E L I M I N A R Y
AMD
1-374
Am79C960
DETAILED FUNCTIONS
Bus Interface Unit (BIU)
The bus interface unit is a mixture of a 20 MHz state ma-
chine and asynchronous logic. It handles two types of
accesses: accesses where the PCnet-ISA controller is
a slave and accesses where the PCnet-ISA controller is
the Current Master.
In slave mode, signals like
IOCS16 are asserted and
deasserted as soon as the appropriate inputs are re-
ceived. IOCHRDY is asynchronously driven LOW if the
PCnet-ISA controller needs a wait state. It is released
synchronously when the PCnet-ISA controller is ready.
When the PCnet-ISA controller is the Current Master, all
the signals it generates are synchronous to the on-chip
20 MHz clock.
DMA Transfers
The BIU will initiate DMA transfers according to the type
of operation being performed. There are three primary
types of DMA transfers:
1. Initialization Block DMA Transfers
Once the BIU has been granted bus mastership, it will
perform four data transfer cycles (eight bytes) before re-
linquishing the bus. The four transfers within the
mastership period will always be read cycles to contigu-
ous addresses. There are 12 words to transfer so there
will be three bus mastership periods.
2. Descriptor DMA Transfers
Once the BIU has been granted bus mastership, it will
perform the appropriate number of data transfer cycles
before relinquishing the bus. The transfers within the
mastership period will always be of the same type
(either all read or all write), but may be to non-
contiguous addresses. Only the bytes which need to be
read or written are accessed.
3. Burst-Cycle DMA Transfers
Once the BIU has been granted bus mastership, it will
perform a series of consecutive data transfer cycles be-
fore relinquishing the bus. Each data transfer will be
performed sequentially, with the issue of the address,
and the transfer of the data with appropriate output sig-
nals to indicate selection of the active data bytes during
the transfer. All transfers within the mastership cycle will
be either read or write cycles, and will be to contiguous
addresses. The number of data transfer cycles within
the burst is dependent on the programming of the
DMAPLUS option (CSR4, bit 14).
If DMAPLUS = 0, a maximum of 16 transfers will be per-
formed. This may be changed by writing to the burst
register (CSR80), but the default takes the same
amount of time as the Am2100 family of LANCE-based
boards, a little over 5 microseconds.
If DMAPLUS = 1, the burst will continue until the FIFO is
filled to its high threshold (32 bytes in transmit opera-
tion) or emptied to its low threshold (16 bytes in receive
operation). The exact number of transfer cycles in this
case will be dependent on the latency of the system bus
to the BIU’s mastership request and the speed of bus
operation.
Buffer Management Unit (BMU)
The buffer management unit is a micro-coded 20 MHz
state machine which implements the initialization block
and the descriptor architecture.
Initialization
PCnet-ISA controller initialization includes the reading
of the initialization block in memory to obtain the operat-
ing parameters. The initialization block is read when the
INIT bit in CSR0 is set. The INIT bit should be set before
or concurrent with the STRT bit to insure correct opera-
tion. Four words at a time are read and the bus is
released at the end of each block of reads, for a total of
three arbitration cycles. Once the initialization block has
been read in and processed, the BMU knows where the
receive and transmit descriptor rings are. On completion
of the read operation and after internal registers have
been updated, IDON will be set in CSR0, and an inter-
rupt generated if IENA is set.
The Initialization Block is vectored by the contents of
CSR1 (least significant 16 bits of address) and CSR2
(most significant 8 bits of address). The block contains
the user defined conditions for PCnet-ISA controller op-
eration,
together
with
the
address
and
length
information to allow linkage of the transmit and receive
descriptor rings.
There is an alternative method to initialize the
PCnet-ISA controller. Instead of initialization via the
initialization block in memory, data can be written di-
rectly into the appropriate registers. Either method may
be used at the discretion of the programmer. If the regis-
ters are written to directly, the INIT bit must not be set, or
the initialization block will be read in, thus overwriting
the previously written information. Please refer to
Appendix C for details on this alternative method.
Reinitialization
The transmitter and receiver section of the PCnet-ISA
controller can be turned on via the initialization block
(MODE Register DTX, DRX bits CSR15[1:0]). The state
of the transmitter and receiver are monitored through
CSR0 (RXON, TXON bits). The PCnet-ISA controller
should be reinitialized if the transmitter and/or the re-
ceiver were not turned on during the original initialization
and it was subsequently required to activate them, or if
either section shut off due to the detection of an error
condition (MERR, UFLO, TX BUFF error).
Reinitialization may be done via the initialization block or
by setting the STOP bit in CSR0, followed by writing to
CSR15, and then setting the START bit in CSR0. Note
that this form of restart will not perform the same in the
PCnet-ISA controller as in the LANCE. In particular, the
PCnet-ISA controller reloads the transmit and receive
descriptor pointers with their respective base ad-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com