Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 95 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 91Page - Advanced Micro Devices AM79C960 Datasheet HTML 92Page - Advanced Micro Devices AM79C960 Datasheet HTML 93Page - Advanced Micro Devices AM79C960 Datasheet HTML 94Page - Advanced Micro Devices AM79C960 Datasheet HTML 95Page - Advanced Micro Devices AM79C960 Datasheet HTML 96Page - Advanced Micro Devices AM79C960 Datasheet HTML 97Page - Advanced Micro Devices AM79C960 Datasheet HTML 98Page - Advanced Micro Devices AM79C960 Datasheet HTML 99Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 127 page
background image
P R E L I M I N A R Y
AMD
1-437
Am79C960
SWITCHING CHARACTERISTICS: SHARED MEMORY MODE (continued)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Memory Read Timing
tMR1
SA0–9, PRAB10–15,
SBHE,
↓ SMAM/BPAM
Setup to
↓ MEMR
10
ns
tMR2
SA0–9, PRAB10–15,
SBHE,
↑ SMAM/BPAM Hold After
↑ MEMR
5ns
tMR3
MEMR Inactive
55
ns
tMR4
SD Hold After
↑ MEMR
020
ns
tMR5
SD Valid From
↓ MEMR
0
110
ns
tMR6
↓ IOCHRDY Delay From ↓ MEMR
035
ns
tMR7
IOCHRDY Inactive
125
ns
tMR8
SD Valid From
↑ IOCHRDY
–130
10
ns
I/O To Memory Command Inactive
tIOM1
↓ IOW/MEMW to ↓ (S)MEMR/IOR
55
ns
tIOM2
↓ (S)MEMR/IOR to ↓ IOW/MEMW
55
ns
IOCS16 Timing
tIOCS1
AEN,
SBHE, SA0–9 to
↓ IOCS16
035
ns
tIOCS2
AEN,
SBHE, SA0–9 to IOCS16
tristated
0
25
ns
SRAM Read/Write, Boot PROM Read, Address PROM Read on Private Bus
tPR1
↑ ABOE to PRAB10–15 Tristated
0
20
ns
tPR2
↑ ABOE to PRAB10–15
Active (Driven by Am79C960)
25
55
ns
tPR3
PRAB10–15 Inactive to
↓ ABOE
525
ns
tPR4
PRAB Change to PRAB
Change, SRAM Access
95
105
ns
tPR5
PRDB Setup to PRAB
Change, SRAM Access
20
ns
tPR6
PRDB Hold After PRAB
Change, SRAM Access
0
ns
tPR7
PRAB Change to PRAB
Change, APROM Access
145
155
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com