Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 30Page - Advanced Micro Devices AM79C960 Datasheet HTML 31Page - Advanced Micro Devices AM79C960 Datasheet HTML 32Page - Advanced Micro Devices AM79C960 Datasheet HTML 33Page - Advanced Micro Devices AM79C960 Datasheet HTML 34Page - Advanced Micro Devices AM79C960 Datasheet HTML 35Page - Advanced Micro Devices AM79C960 Datasheet HTML 36Page - Advanced Micro Devices AM79C960 Datasheet HTML 37Page - Advanced Micro Devices AM79C960 Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 127 page
background image
P R E L I M I N A R Y
AMD
1-376
Am79C960
16907B-7
Initialization
Block
24-Bit Base Address
Pointer to
Initialization Block
IADR[15:0]
IADR[23:16]
RES
CSR1
CSR2
TDRA[15:0]
MODE
PADR[15:0]
PADR[31:16]
PADR[47:32]
LADRF[15:0]
LADRF[31:16]
LADRF[47:32]
LADRF[63:48]
RDRA[15:0]
RLEN
RES
RDRA[23:16]
TLEN RES
TDRA[23:16]
RCV
Buffers
RX DESCRIPTOR RINGS
RMD0
RMD1 RMD2 RMD3
RCV Descriptor
Ring
N
N
N
N
•
•
•
1st desc.
start
2nd desc.
start
RMD0
XMT
Buffers
RX DESCRIPTOR RINGS
TMD0
TMD1 TMD2 TMD3
RX DESCRIPTOR RINGS
XMT Descriptor
Ring
M
M
M
M
•
•
•
1st desc.
start
2nd desc.
start
TMD0
Data
Buffer
1
Data
Buffer
2
Data
Buffer
N
Data
Buffer
1
Data
Buffer
2
Data
Buffer
M
16907B-7
Initialization Block and Descriptor Rings
Polling
When there is no channel activity and there is no pre- or
post-receive or transmit activity being performed by the
PCnet-ISA controller, then the PCnet-ISA controller will
periodically poll the current receive and transmit de-
scriptor entries in order to ascertain their ownership. If
the DPOLL bit in CSR4 is set, then the transmit polling
function is disabled.
A typical polling operation consists of the following: The
PCnet-ISA controller will use the current receive de-
scriptor address stored internally to vector to the
appropriate Receive Descriptor Table Entry (RDTE). It
will then use the current transmit descriptor address
(stored internally) to vector to the appropriate Transmit
Descriptor Table Entry (TDTE). These accesses will be
made to RMD1 and RMD0 of the current RDTE and
TMD1 and TMD0 of the current TDTE at periodic polling
intervals. All information collected during polling activity
will be stored internally in the appropriate CSRs. (i.e.
CSR18–19, CSR20–21, CSR40, CSR42, CSR50,
CSR52). UnOWNed descriptor status will be internally
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com