Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 79Page - Advanced Micro Devices AM79C960 Datasheet HTML 80Page - Advanced Micro Devices AM79C960 Datasheet HTML 81Page - Advanced Micro Devices AM79C960 Datasheet HTML 82Page - Advanced Micro Devices AM79C960 Datasheet HTML 83Page - Advanced Micro Devices AM79C960 Datasheet HTML 84Page - Advanced Micro Devices AM79C960 Datasheet HTML 85Page - Advanced Micro Devices AM79C960 Datasheet HTML 86Page - Advanced Micro Devices AM79C960 Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 127 page
background image
P R E L I M I N A R Y
AMD
1-425
Am79C960
Register Summary
Ethernet Controller Registers (accessed via RDP
port) (continued)
User
RAP Addr
Symbol
Width
Registers
Comments
64–65
CSR64
32-bit
NXBA: Next XMT Buffer Address
66–67
CSR66
32-bit
NXBC: Next XMT Status and Byte Count
68–69
CSR68
32-bit
XSTMP: XMT Status Temporary
70–71
CSR70
32-bit
RSTMP: RCV Status Temporary
72
CSR72
16-bit
RCVRC: RCV Ring Counter
74
CSR74
16-bit
XMTRC: XMT Ring Counter
76
CSR76
16-bit
Y
RCVRL: RCV Ring Length
78
CSR78
16-bit
Y
XMTRL: XMT Ring Length
80
CSR80
16-bit
Y
DMABR: Burst Register
82
CSR82
16-bit
Y
DMABAT: Bus Activity Timer
84–85
CSR84
32-bit
DMABA: Address Register
86
CSR86
16-bit
DMABC: Byte Counter/Register
88–89
CSR88
32-bit
Y
Chip ID Register
92
CSR92
16-bit
RCON: Ring Length Conversion Register
94
CSR94
16-bit
XMTTDR: Transmit Time Domain
Reflectometry
96–97
CSR96
32-bit
SCR0: BIU Scratch Register 0
98–99
CSR98
32-bit
SCR1: BIU Scratch Register 1
104–105
CSR104
32-bit
SWAP:16-bit word/byte Swap Register
108–109
CSR108
32-bit
BMSCR: BMU Scratch Register
112
CSR112
16-bit
Y
Missed Frame Count
114
CSR114
16-bit
Y
Receive Collision Count
124
CSR124
16-bit
Y
BMU Test Register
126
CSR126
16-bit
Reserved
Note:
Although the PCnet-ISA controller has many registers that can be accessed by software, most of these registers are intended for
debugging and production testing purposes only. The registers with a “Y” are the only registers that should be accessed by network
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com