Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 66Page - Advanced Micro Devices AM79C960 Datasheet HTML 67Page - Advanced Micro Devices AM79C960 Datasheet HTML 68Page - Advanced Micro Devices AM79C960 Datasheet HTML 69Page - Advanced Micro Devices AM79C960 Datasheet HTML 70Page - Advanced Micro Devices AM79C960 Datasheet HTML 71Page - Advanced Micro Devices AM79C960 Datasheet HTML 72Page - Advanced Micro Devices AM79C960 Datasheet HTML 73Page - Advanced Micro Devices AM79C960 Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 127 page
background image
P R E L I M I N A R Y
AMD
1-412
Am79C960
CSR68-69: Transmit Status Temporary Storage
Bit
Name
Description
31-0
XSTMP
Transmit Status Temporary Stor-
age location.
Read/write accessible only when
STOP bit is set.
CSR70-71: Temporary Storage
Bit
Name
Description
31-0
TMP8
Temporary Storage location.
Read/write accessible only when
STOP bit is set.
CSR72: Receive Ring Counter
Bit
Name
Description
15-0
RCVRC
Receive Ring Counter location.
Contains a Two’s complement
binary number used to number
the current receive descriptor.
This counter interprets the value
in CSR76 as pointing to the first
descriptor; a two’s complement
value of -1 (FFFFh) corresponds
to the last descriptor in the ring.
Read/write accessible only when
STOP bit is set.
CSR74: Transmit Ring Counter
Bit
Name
Description
15-0
XMTRC
Transmit Ring Counter location.
Contains a Two’s complement
binary number used to number
the current transmit descriptor.
This counter interprets the value
in CSR78 as pointing to the first
descriptor; a two’s complement
value of -1 (FFFFh) corresponds
to the last descriptor in the ring.
Read/write accessible only when
STOP bit is set.
CSR76: Receive Ring Length
Bit
Name
Description
15-0
RCVRL
Receive Ring Length. Contains a
Two’s complement binary num-
ber of the receive descriptor ring
length. This register is initialized
during the PCnet-ISA controller
initialization routine based on the
value in the RLEN field of the
initialization block. This register
can be manually altered; the ac-
tual receive ring length is defined
by the current value in this
register.
Read/write accessible only when
STOP bit is set.
CSR78: Transmit Ring Length
Bit
Name
Description
15-0
XMTRL
Transmit Ring Length. Contains
the two’s complement of the
transmit descriptor ring length.
This register is initialized during
the PCnet-ISA controller
initialization routine based on the
value in the TLEN field of the ini-
tialization block. This register can
be manually altered; the actual
transmit ring length is defined by
the current value in this register.
Read/write accessible only when
STOP bit is set.
CSR80: Burst and FIFO Threshold Control
Bit
Name
Description
15-14
RES
Reserved locations. Read as
ones. Written as zero.
13-12RCVFW[1:0]
Receive
FIFO
Watermark.
RCVFW controls the point at
which ISA bus receive DMA is re-
quested in relation to the number
of received bytes in the receive
FIFO.
RCVFW
specifies
the
number of bytes which must be
present (once the frame has
been verified as a non-runt) be-
fore receive DMA is requested.
Note however that in order for re-
ceive DMA to be performed for a
new frame, at least 64 bytes must
have been received. This effec-
tively avoids having to react to
receive frames which are runts or
suffer a collision during the slot
time (512 bit times). If the Runt
Packet Accept feature is en-
abled, receive DMA will be
requested as soon as either the
RCVFW threshold is reached, or
a complete valid receive frame is
detected (regardless of length).
RCVFW is set to a value of 10b
(64 bytes) after RESET.
Read/write accessible only when
STOP bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com