Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 82Page - Advanced Micro Devices AM79C960 Datasheet HTML 83Page - Advanced Micro Devices AM79C960 Datasheet HTML 84Page - Advanced Micro Devices AM79C960 Datasheet HTML 85Page - Advanced Micro Devices AM79C960 Datasheet HTML 86Page - Advanced Micro Devices AM79C960 Datasheet HTML 87Page - Advanced Micro Devices AM79C960 Datasheet HTML 88Page - Advanced Micro Devices AM79C960 Datasheet HTML 89Page - Advanced Micro Devices AM79C960 Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
P R E L I M I N A R Y
AMD
1-428
Am79C960
ABOE BPAM SMAM
A0–X
D0–7
A0–X
D0–7
SRWE
A0–X
D0–7
OE
WE
PRAB0–15
PRDB0–7
BPCS
SROE
APCS
OE
CS
ISA
Bus
16-Bit System Data
System
Address
PCnet-ISA
Controller
16-Bit Private Address Bus
Ethernet
Address
PROM
8-Bit
SRAM
16907B-6
Address
Buffer
Address
Compare
Boot
PROM
8-Bit Private Data
CS
CS
E
Shared Memory Block Diagram
Address PROM Interface
The suggested address PROM is the Am27LS19, a
32x8 device.
APCS should be connected directly to the
device’s
G input.
A4–A0
G
Q7–Q0
27LS19
32 x 8 PROM
16907B-16
Address PROM Example
Boot PROM Interface
The boot PROM is a 16Kx8 EPROM. Its program pin
P
should be tied to VCC, output enable
OE tied to ground,
and chip enable
CE to BPCS to minimize power con-
sumption at the expense of speed. If speed is more
important, then ground
CE and connect OE to BPCS.
27C128
16K x 8 EPROM
16907B-17
A13–A0
CE
OE
P
DQ7–DQ0
Boot PROM Example
Static RAM Interface (for Shared Memory
only)
The SRAM is an 8Kx8 or 32Kx8 device. The PCnet-ISA
controller can support 64 Kbytes of SRAM address
space. The PCnet-ISA controller provides
SROE and
SRWE outputs which can go directly to the OE and WE
pins of the SRAM, respectively. The address lines are
connected as described in the shared memory section
and the data lines go to the Private Data Bus.
AUI
The PCnet-ISA controller drives the AUI interface
through a set of transformers. The DI and CI inputs
should each be terminated with a pair of matched 39
Ω
or 40.2
Ω resistors connected in series with the middle
node bypassed to ground with a .01
µF to 0.1 µF
capacitor. Refer to the PCnet-ISA Technical Manual
(PID #16850B) for network interface design and refer to
Appendix A for a list of compatible AUI isolation
transformers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com