Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 11 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 11 Page - ams AG

Back Button AS3909 Datasheet HTML 7Page - ams AG AS3909 Datasheet HTML 8Page - ams AG AS3909 Datasheet HTML 9Page - ams AG AS3909 Datasheet HTML 10Page - ams AG AS3909 Datasheet HTML 11Page - ams AG AS3909 Datasheet HTML 12Page - ams AG AS3909 Datasheet HTML 13Page - ams AG AS3909 Datasheet HTML 14Page - ams AG AS3909 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 11
Detaile d Desc rip t ion
Transmitter
The Transmitter incorporates drivers, which drive external
antenna through pads RFO1 and RFO2. Single sided and
differential driving is possible. The transmitter block
additionally contains a subblock, which modulates transmitted
signal for communication reader to transponder (OOK or
configurable AM modulation).
The AS3909/10 transmitter is indented to directly drive
antennas (without 50
Ω cable, usually antenna is on the same
PCB). Operation with 50
Ω cable is also possible, but in that case
some of the advanced features are not possible.
Receiver
The receiver detects transponder modulation superimposed on
the 13.56MHz carrier signal. The receiver chain is composed of
a peak detector followed by two stages with gain and filtering
function and a final digitizer stage. The filter characteristics are
adjusted to optimize performance over different ISO modes and
data rates (subcarrier frequencies from 212 kHz to 848 kHz are
supported). The receiver chain input is the RFI1 pin; output of
digitizer stage is demodulated subcarrier signal. Receiver also
contains a subblock, which helps to detect the presence of
external RF field in NFCIP target mode. The receiver chain
incorporates several features, which enable reliable operation
in challenging phase and noise conditions.
Phase and Amplitude Detector
The phase detector observes the phase difference between the
transmitter output signals (RFO1 and RFO2) and the pad signals
RFI1 and RFI2. The pad signals RFI1 and RFI2 are proportional
to the signal on the antenna LC tank. RFI1 and RFI2 signals are
also used to run the self-mixer, which generates output
proportional to their amplitude. The phase detector and self
mixer blocks are used for several purposes:
• Variation of RFI1 and RFI2 phase is used to perform PM
demodulation
• Average phase difference between RFOx pins and RFIx
pins is used to check antenna tuning and inductive
wake-up via MCU
• Output of mixer is used to measure amplitude of signal
present on pins RFI1 and RFI2
A/D Converter
The AS3909/10 contains a built-in A/D Converter. Its input can
be multiplexed from different sources and is used in several
applications (measurement of RF amplitude, calibration of
modulation depth, checking of the antenna LC tank resonance,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com