Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 48 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 48 Page - ams AG

Back Button AS3909 Datasheet HTML 44Page - ams AG AS3909 Datasheet HTML 45Page - ams AG AS3909 Datasheet HTML 46Page - ams AG AS3909 Datasheet HTML 47Page - ams AG AS3909 Datasheet HTML 48Page - ams AG AS3909 Datasheet HTML 49Page - ams AG AS3909 Datasheet HTML 50Page - ams AG AS3909 Datasheet HTML 51Page - ams AG AS3909 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
AS3909/AS3910 – 48
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Figure 42:
NFCIP Field Detection Threshold
Note: Default setting is set at power up and after Set Default command.
NFCIP Field Detection Threshold Register
Figure 43:
Target Activation Threshold as seen on RFI1 Input
Address # 14: NFCIP Field Detection Threshold
Type: RW
Bit
Name
Def.
Function
Comments
7
trg_l3
Target activation level MSB
Threshold used to detect presence of
interrogator magnetic field. See Figure 43
for threshold definition.
6
trg_l2
5
trg_l1
4
trg_l0
Target activation level LSB
3
rfe_t3
Collision avoidance threshold
MSB
Threshold used to detect presence of
external field during collision avoidance. See
Figure 44 for threshold definition.
2
rfe_t2
1
rfe_t1
0
rfe_t0
Collision avoidance threshold
LSB
trg_l3
trg_l2
trg_l1
trg_l0
Target activation threshold
voltage [mVpp on RFI1]
x0
0
0
forbidden (measurement is
deactivated)
00
01
590
00
10
420
00
11
350
10
01
350
01
00
300
01
01
265
10
10
265
01
10
235
01
11
220
10
11
220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com