Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 63 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 63 Page - ams AG

Back Button AS3909 Datasheet HTML 59Page - ams AG AS3909 Datasheet HTML 60Page - ams AG AS3909 Datasheet HTML 61Page - ams AG AS3909 Datasheet HTML 62Page - ams AG AS3909 Datasheet HTML 63Page - ams AG AS3909 Datasheet HTML 64Page - ams AG AS3909 Datasheet HTML 65Page - ams AG AS3909 Datasheet HTML 66Page - ams AG AS3909 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 63
Appl icatio n I n f o rm a t i o n
Antenna LC Tank Resonance: Checking and
Calibration
The AS3909/10 comprises the building blocks which make
possible checking and adjustment of the antenna LC tank
resonance frequency. The arrangement of these building blocks
and associated adjustment procedure are patent pending.
The key block in the resonance frequency checking and
adjustment is the Phase Detector (see “Phase Detector” on
page 18). The Phase Detector is measuring the phase shift
between the Transmitter output signals (RFO1 and RFO2) and
the inputs RFI1 and RFI2, which are proportional to voltage on
the antenna LC tank. In case of perfect tuning there is a 90º
phase shift between them.
Check Antenna Resonance
In case of the perfect 90º phase shift mentioned above, the
Phase Detector output results in VSP/2 output voltage. A phase
shift of 1% of the carrier frequency period (3.6º) results in the
output voltage change of 2% of VSP (1% phase shift results in
60mV change at VSP=3V).
During execution of the direct command Check Antenna
Resonance the Phase Detector output is multiplexed on the
input of A/ D converter which is set in relative mode. 1 LSB of
the A/D conversion output represents 0.13% of carrier
frequency period (0.468º). The result of A/D conversion is in case
of the perfect tuning exactly in the middle of range (1000 0000
or 0111 1111).
Value higher than 1000 0000 means that phase detector output
voltage is higher than VSP/2, which corresponds to case with
resonance frequency higher than target 13.56 MHz. In the
opposite case, when the resonance frequency is lower than
target, the result of A/D conversion is lower than 0111 1111.
Execution of the command Check Antenna Resonance is fast and
it can be used frequently to check whether system settings are
correct.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com