Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 4 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 4 Page - ams AG

  AS3909 Datasheet HTML 1Page - ams AG AS3909 Datasheet HTML 2Page - ams AG AS3909 Datasheet HTML 3Page - ams AG AS3909 Datasheet HTML 4Page - ams AG AS3909 Datasheet HTML 5Page - ams AG AS3909 Datasheet HTML 6Page - ams AG AS3909 Datasheet HTML 7Page - ams AG AS3909 Datasheet HTML 8Page - ams AG AS3909 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
AS3909/AS3910 – 4
ams Datasheet, Confidential: 2013-Oct [3-02]
P i n Assi gnments
The AS3909/10 pin assignments are described below.
Figure 4:
Pin Assignments (Top View)
Figure 5:
Pin Description
Pin Number
Pin Name
Pin Type
Description
1
TIO
Digital bi-directional
Test IO pin
2EN
Digital input with
pull-down
Enable input
3TEST
Test input
4
XTO
Analog output
Xtal oscillator output
5
XTI
Analog input
Xtal oscillator input
6
VSN_D
Supply
Digital ground
7VSP_A
Analog Input /
Output
Analog supply, regulator output
8
VDD
Supply
External positive supply
9VSP_RF
Analog Input /
Output
Supply, regulator output for antenna drivers
10
RFO1
Analog output
Antenna driver output
11
RFO2
12
VSN_RF
Supply
Ground of antenna drivers
Pin Assignments
AS3909
9
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
24
23
22
21
20
19
18
17
AGD
RFI2
RFI1
VSS
NC
NC
NC
NC
1
2
3
4
5
6
7
8
TIO
EN
TEST
XTO
XTI
VSN_D
VSP_A
VDD
AS3910
9
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
24
23
22
21
20
19
18
17
AGD
RFI2
RFI1
VSS
TRIM2_0
TRIM1_0
TRIM2_1
TRIM1_1
1
2
3
4
5
6
7
8
TIO
EN
TEST
XTO
XTI
VSN_D
VSP_A
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com