Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 23 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 23 Page - ams AG

Back Button AS3909 Datasheet HTML 19Page - ams AG AS3909 Datasheet HTML 20Page - ams AG AS3909 Datasheet HTML 21Page - ams AG AS3909 Datasheet HTML 22Page - ams AG AS3909 Datasheet HTML 23Page - ams AG AS3909 Datasheet HTML 24Page - ams AG AS3909 Datasheet HTML 25Page - ams AG AS3909 Datasheet HTML 26Page - ams AG AS3909 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 23
Appl icatio n I n f o rm a t i o n
SPI Operation MODE Bits
When signal SEN is low, the SPI interface is in reset and SDATAO
is in tristate; when it is high, SPI interface is enabled. It is
recommended to keep signal SEN low whenever the SPI
interface is not in use. SDATAI is sampled at the falling edge of
SCLK. All communication is done in blocks of 8 bits (bytes). First
two bits of first byte transmitted after low to high transition of
SEN define SPI operation mode. Figure 13 defines possible
modes:
Figure 13:
SPI Operation Patterns <A7-A6>
MODE
MODE Pattern (com. bits)
MODE Related Data
MODE
Register Address
Register Data
M1
M0
C5
C4
C3
C2
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
WRITE
Mode
0
0
A5
A4
A3
A2
A1
A0
WD7
WD6
WD5
WD4
WD3
WD2
WD1
WD0
READ
Mode
0
1
A5
A4
A3
A2
A1
A0
RD7RD6
RD5RD4
RD3RD2
RD1
RD0
FIFO
Load
1
0
000
000
WD7
WD6
WD5
WD4
WD3
WD2
WD1
WD0
FIFO
Read
1
0
111
111
RD7RD6
RD5RD4
RD3RD2
RD1
RD0
COMMA
ND
Mode
1
1
C5
C4
C3
C2
C1
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com