Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 22 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 22 Page - ams AG

Back Button AS3909 Datasheet HTML 18Page - ams AG AS3909 Datasheet HTML 19Page - ams AG AS3909 Datasheet HTML 20Page - ams AG AS3909 Datasheet HTML 21Page - ams AG AS3909 Datasheet HTML 22Page - ams AG AS3909 Datasheet HTML 23Page - ams AG AS3909 Datasheet HTML 24Page - ams AG AS3909 Datasheet HTML 25Page - ams AG AS3909 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
AS3909/AS3910 – 22
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
By writing Regulated Voltage Definition Register (#16) user
chooses between automatic and “manual” adjustment of
regulated voltage. Automatic mode is chosen when bit reg_s is
0 (default and also recommended state). When bit reg_s is
asserted to 1 regulated voltage is defined by bits rege_3 to
rege_1 of the same register.
Communication to External Microcontroller
The AS3909/10 is a slave device and the external
microcontroller initiates all communication. Communication is
done by a 4-wire Serial Peripheral Interface (SPI). The AS3909/10
asks microcontroller for its attention by sending an interrupt
(pin INTR).
In addition the microcontroller can use clock signal available
on pin MCU_CLK when the oscillator is running.
The microcontroller can also drive pin EN. Putting this pin high
has the same function as setting the Operation Control Register
bit en (entry in Ready mode).
Serial Peripheral Interface (SPI)
For details about SPI timing refer to Figure 8.
Figure 12:
Serial Peripheral Interface (4-wire Interface) Signal Lines
Name
Signal
Signal Level
Description
SEN
Digital Input with pull down
CMOS
SPI Enable
SDATAI
Digital Input
CMOS
Serial Data input
SDATAO
Digital Output with tristate
CMOS
Serial Data output
SCLK
Digital Input
CMOS
Clock for serial communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com