Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 5 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 5 Page - ams AG

  AS3909 Datasheet HTML 1Page - ams AG AS3909 Datasheet HTML 2Page - ams AG AS3909 Datasheet HTML 3Page - ams AG AS3909 Datasheet HTML 4Page - ams AG AS3909 Datasheet HTML 5Page - ams AG AS3909 Datasheet HTML 6Page - ams AG AS3909 Datasheet HTML 7Page - ams AG AS3909 Datasheet HTML 8Page - ams AG AS3909 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 5
P i n A ssig n men t s
13
NC/TRIM1_3
Analog input
AS3909: NC
AS3910: Input to trim antenna resonant circuit
14
NC/TRIM2_3
15
NC/TRIM1_2
16
NC/TRIM2_2
17
NC/TRIM1_1
18
NC/TRIM2_1
19
NC/TRIM1_0
20
NC/TRIM2_0
21
VSS
Supply pad
Ground, die substrate potential
22
RFI1
Analog input
Receiver input
23
RFI2
24
AGD
Analog Input /
Output
Analog reference voltage
25
AD_IN
Analog input
A/D converter input
26
VSN_A
Supply pad
Analog ground
27
INTR
Digital output
Interrupt request output
28
MCU_CLK
Microcontroller clock output
29
SDATAO
Digital Output /
Tristate
Serial Peripheral Interface DATA output
30
SDATAI
Digital input
Serial Peripheral Interface DATA input
31
SCLK
Serial Peripheral Interface Clock
32
SEN
Serial Peripheral Interface Enable
Exposed Pad
VSUB
Supply
Die substrate potential, to be connected to VSS on
PCB
Pin Number
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com