Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 54 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 54 Page - ams AG

Back Button AS3909 Datasheet HTML 50Page - ams AG AS3909 Datasheet HTML 51Page - ams AG AS3909 Datasheet HTML 52Page - ams AG AS3909 Datasheet HTML 53Page - ams AG AS3909 Datasheet HTML 54Page - ams AG AS3909 Datasheet HTML 55Page - ams AG AS3909 Datasheet HTML 56Page - ams AG AS3909 Datasheet HTML 57Page - ams AG AS3909 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
AS3909/AS3910 – 54
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Typical Operating Sequence
At power up the AS3909/10 enters in the Stand-by mode.
Content of all registers is set to the default state which is in most
cases 0.
• First action of the microcontroller after a power-up should
be to load the ISO Mode Definition Register and the
configuration registers to configure reader operation.
• Since the regulators are by default set to the maximum
3.4V, which means that they are at supply voltages lower
than 3.4V transparent, it is advised to send the direct
command Adjust Regulators to improve the system PSRR.
• In case the LC tank trimming is implemented the direct
command Calibrate Antenna has to be sent.
• In case the AM modulation will be used (ISO-14443B for
example) setting the modulation depth in the Modulation
Depth Definition Register and sending the command
Calibrate Modulation Depth is suggested next.
After the sequence of events mentioned above the AS3909/10
is ready to operate.
ISO-14443 Reader Operation
First the Ready mode has to be entered by setting the en bit of
the Operation Control Register (address #01 or asserting pin EN).
In this mode the oscillator is started and the regulators are
enabled. When the oscillator operation is stable an interrupt is
sent. Before sending any command to a transponder the
transmitter and receiver have to be enabled by setting the bits
rx_en and tx_en.
In case REQA or WUPA has to be sent, then it is simply done by
sending the appropriate direct command. Or else, the following
sequence has to be followed:
1.
Send the direct command Clear
2.
Define the number of transmitted bytes in the registers
0B and 0C
3.
Write the bytes to be transmitted in the FIFO
4.
Send the direct command Transmit with CRC or Transmit
without CRC (whichever is appropriate)
5.
When all the data is transmitted, an interrupt is sent to
inform the microcontroller that the transmission is
finished (INTR due to end of transmission).
After the transmission is executed, the AS3909/10 receiver
automatically starts to observe the RFI inputs to detect a
transponder response. The RSSI and AGC (in case it is enabled)
are started. The framing block processes the subcarrier signal
from receiver and fills the FIFO with data. When the reception
is finished and all the data is in the FIFO an interrupt is sent to
the microcontroller (INTR due to end of receive), additionally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com