Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 21 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 21 Page - ams AG

Back Button AS3909 Datasheet HTML 17Page - ams AG AS3909 Datasheet HTML 18Page - ams AG AS3909 Datasheet HTML 19Page - ams AG AS3909 Datasheet HTML 20Page - ams AG AS3909 Datasheet HTML 21Page - ams AG AS3909 Datasheet HTML 22Page - ams AG AS3909 Datasheet HTML 23Page - ams AG AS3909 Datasheet HTML 24Page - ams AG AS3909 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 21
Appl icatio n I n f o rm a t i o n
Power Supply, Regulators
The AS3909/10 includes two regulators which can be adjusted
automatically to improve the reader PSRR. VDD is an external
power supply pin. It is used to supply the logic and digital pins.
One regulator is used to supply analog blocks (VSP_A), another
is there just for transmitter (VSP_RF) in order to decouple
transmitter current spikes from the rest of the IC. All negative
power supply pins are externally connected to the same
negative supply, the reason for separation is in decoupling of
noise induced by voltage drops on the internal power supply
lines. These pins are VSS (die substrate potential), VSN_D
(negative supply of logic and digital pads), VSN_A (negative
supply of analog blocks) and VSN_RF (negative supply of
transmitter).
An additional regulator block provides AGD voltage (1.5V)
which is used as reference potential for analog processing
(analog ground).
Blocking capacitors have to be connected externally to
regulator outputs and AGD pins. For pins VSP_A and VSP_RF
recommended blocking capacitors are 2.2μF in parallel with
10nF, for pin AGD 1μF in parallel with 10nF is suggested.
The regulated voltage range is from 2.4V to 3.4V with step of
100mV. Both regulators are set to the same voltage. VSP_A
regulator maximum capability is 20mA while maximum
capability of VSP_RF regulator is 300mA. VSP_RF regulator also
has a built in protection which limits current to max 300mA in
normal operation and to max 500 mA in case of a short.
The regulators are operating when either the Operating Control
Register bit en is set or pin EN is high. In Power-down mode the
regulators are not operating, VSP_A and VSP_RF are connected
to VDD through 1kΩ resistors. Connection through resistors
assures smooth power up of the system and a smooth
transitions from Stand-by mode to other operating modes. In
case regulators were regulating or were transparent at power
up a huge current would be pulled from VDD supply to charge
blocking capacitors of regulated outputs which is especially
problematic for battery powered systems.
At power up the regulated voltage is set to maximum voltage
(3.4V).
The regulator voltage can then be set automatically or
“manually”. Automatic procedure is started by sending the
direct command Adjust Regulators. In this procedure regulated
voltage is set 250mV below VDD. This procedure assures that
reader operates with maximum possible power while still
assuring good PSRR.
Regulator operation can be controlled and observed by writing
and reading two Regulator registers.
Regulator Display Register (#15) is a read only register which
displays actual regulated voltage when regulator is operating.
In Power-down mode its content is forced to 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com