Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 44 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 44 Page - ams AG

Back Button AS3909 Datasheet HTML 40Page - ams AG AS3909 Datasheet HTML 41Page - ams AG AS3909 Datasheet HTML 42Page - ams AG AS3909 Datasheet HTML 43Page - ams AG AS3909 Datasheet HTML 44Page - ams AG AS3909 Datasheet HTML 45Page - ams AG AS3909 Datasheet HTML 46Page - ams AG AS3909 Datasheet HTML 47Page - ams AG AS3909 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
AS3909/AS3910 – 44
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Figure 34:
Number of Transmitted Bytes Register 1
Note: Default setting is set at power up and after Set Default command
A/D Converter Output Register
Figure 35:
A/D Output Register
Note: At power up and after Set Default command, content of this register is set to 0.
Address # 0C: Number of Transmitted Bytes
Register 1
Type: RW
Bit
Name
Def.
Function
Comments
7ntx90
Number of bytes to be
transmitted in one
command, MSB bits
Maximum supported number of bytes is
1023
6ntx80
5ntx70
4ntx60
3ntx50
2ntx40
1ntx30
0ntx20
Address # 0D: A/D Output Register
Type: R
Bit
Name
Function
Comments
7ad7
Displays results of A/D conversion.
6ad6
5ad5
4ad4
3ad3
2ad2
1ad1
0ad0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com