Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 47 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 47 Page - ams AG

Back Button AS3909 Datasheet HTML 43Page - ams AG AS3909 Datasheet HTML 44Page - ams AG AS3909 Datasheet HTML 45Page - ams AG AS3909 Datasheet HTML 46Page - ams AG AS3909 Datasheet HTML 47Page - ams AG AS3909 Datasheet HTML 48Page - ams AG AS3909 Datasheet HTML 49Page - ams AG AS3909 Datasheet HTML 50Page - ams AG AS3909 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 47
Appl icatio n I n f o rm a t i o n
Figure 40:
Antenna Driver AM Modulated Level Definition
Note: Default setting is set at power up and after Set Default command.
Figure 41:
Antenna Driver Non-Modulated Level Definition
Note: Default setting is set at power up and after Set Default command.
Address # 12: Antenna Driver AM Modulated
Level Definition
Type: RW
Bit
Name
Def.
Function
Comments
7dram7
0
MSB
Antenna drivers are composed of 8 binary
weighted segments. Setting a bit dram to 1
will disable corresponding segment during
AM modulated state in case am_s bit is set to
1.
6dram6
0
5dram5
0
4dram4
0
3dram3
0
2dram2
0
1dram1
0
0dram0
0
LSB
Address # 13: Antenna Driver Non-Modulated
Level Definition
Type: RW
Bit
Name
Def.
Function
Comments
7droff70
MSB
Antenna drivers are composed of 8 binary
weighted segments. Setting a bit droff to 1
will disable corresponding segment during
normal non-modulated operation.
6droff60
5droff50
4droff40
3droff30
2droff20
1droff10
0droff00
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com