Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 1 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 1 Page - ams AG

  AS3909 Datasheet HTML 1Page - ams AG AS3909 Datasheet HTML 2Page - ams AG AS3909 Datasheet HTML 3Page - ams AG AS3909 Datasheet HTML 4Page - ams AG AS3909 Datasheet HTML 5Page - ams AG AS3909 Datasheet HTML 6Page - ams AG AS3909 Datasheet HTML 7Page - ams AG AS3909 Datasheet HTML 8Page - ams AG AS3909 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 1
AS3909/AS3910
13.56 MHz RFID Reader IC,
ISO-14443 A/B
The AS3909/10 is a high performance 13.56MHz HF RFID Reader
IC.
The AS3909/10 is unequalled in the domain of HF Reader ICs; it
contains two differential low impedance (1.5
Ω) antenna
drivers.
These drivers are unmatched, which means that the IC can
deliver up to 8 times the output power of a standard HF Reader
IC using the same power supply voltage.
Additionally using this configuration means half of the power
consumption at the same output power.
The IC has an operating voltage down to 2.4V and a low power
operating mode of 5mA. This means the AS3909/10 is ideal for
portable or battery powered applications.
For applications where high power is required the AS3909/10
can attain up to 700mW. This means there is no need for
complex external booster circuitry.
The component count and complexity of the design is further
reduced through the patented automatic modulation depth
adjustment.
The analog front end (AFE) is complemented by a highly
integrated data framing engine for both ISO-14443 A and B.
This includes data rates up to 848kbits with all framing and
synchronization tasks on board. This enables the customer to
build a complete HF RFID Reader using only a low end micro.
The AS3909/10 not only supports reader to tag communication,
but sports Peer to Peer communication using the NFCIP-1 active
communication mode with a data rate of 106kbps.
The IC has a SPI, which enables bi-directional communication
with the external microcontroller.
Other standard and custom protocols, such as ISO -15693 or
Felica can be implemented via transparent mode.
Only available in AS3910: In addition to the above mentioned
advantages, AS3910 also features the ams' unique Automatic
Antenna Tuning (AAT )1 technology. With AAT, the device is
optimized for application with directly driven antenna and
enables the reader to retune itself to deliver maximum output
at 13.56MHz, when the surroundings detunes the antenna.
For further understanding in regards to the contents of the
datasheet, please refer to the Reference Guide located at the end
of the document.
1. Only available in AS3910.
General Description


Similar Part No. - AS3909

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3900 AMSCO-AS3900 Datasheet
1Mb / 59P
27MHz Low Power Star Network Transceiver
AS3900-BQFT AMSCO-AS3900-BQFT Datasheet
1Mb / 59P
27MHz Low Power Star Network Transceiver
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
ISM 433/315 MHz FSK/ASK Transmitter
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
ISM 433 MHz ASK Transmitter
logo
TE Connectivity Ltd
AS39029/29-214 TEC-AS39029/29-214 Datasheet
295Kb / 4P
HIGH-POWER CONTACTS
More results

Similar Description - AS3909

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF1354 ATMEL-AT88RF1354 Datasheet
581Kb / 50P
13.56 MHz Type B RF Reader Specification
AT88RF1354 ATMEL-AT88RF1354_09 Datasheet
726Kb / 48P
13.56 MHz Type B RF Reader Specification
logo
ams AG
AS3910 AMSCO-AS3910 Datasheet
1Mb / 47P
13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
Texas Instruments
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
OsiSense XG RFID Wand reader - 13.56 MHz
Jan 7, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com