Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 38 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 38 Page - ams AG

Back Button AS3909 Datasheet HTML 34Page - ams AG AS3909 Datasheet HTML 35Page - ams AG AS3909 Datasheet HTML 36Page - ams AG AS3909 Datasheet HTML 37Page - ams AG AS3909 Datasheet HTML 38Page - ams AG AS3909 Datasheet HTML 39Page - ams AG AS3909 Datasheet HTML 40Page - ams AG AS3909 Datasheet HTML 41Page - ams AG AS3909 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
AS3909/AS3910 – 38
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Figure 26:
Configuration Register 4
Note: Default setting is set at power up and after Set Default command.
Address # 04: Configuration Register 4 (ISO-14443B)
Type: RW
Bit
Name
Def.
Function
Comments
7egt2
0
egt2
egt1
egt0
number of EGT
EGT time defined in number of
etu
6egt1
0
0
0
0
0
5egt0
0
00
1
1
-
-
-
-
-
-
-
-
11
0
6
11
1
6
4
sof_0
0
0
→ 10 etu, 1 → 11 etu
SOF, number of etu with logic 0
(10 or 11)
3
sof_1
0
0
→ 2 etu, 1 → 3 etu
SOF, number of etu with logic 1
(2 or 3)
2eof
0
0
→ 10 etu, 1 → 11 etu
EOF, number of etu with logic 0
(10 or 11)
1egt
0
0
→ no EGT after last character,
1
→ EGT after each character
0Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com