Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 26 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 26 Page - ams AG

Back Button AS3909 Datasheet HTML 22Page - ams AG AS3909 Datasheet HTML 23Page - ams AG AS3909 Datasheet HTML 24Page - ams AG AS3909 Datasheet HTML 25Page - ams AG AS3909 Datasheet HTML 26Page - ams AG AS3909 Datasheet HTML 27Page - ams AG AS3909 Datasheet HTML 28Page - ams AG AS3909 Datasheet HTML 29Page - ams AG AS3909 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
AS3909/AS3910 – 26
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Figure 17:
Sending Direct Commands
Loading Transmitting Data into FIFO
Loading the transmitting data into the FIFO is similar to writing
data into an addressable registers. Difference is that in case of
loading more bytes all bytes go to the FIFO. The command mode
code 10 indicates FIFO operations. In case of loading
transmitting data into FIFO all bits <C5 – C0> are set to 0. Then
a bit-stream, the data to be sent (1 to 32 bytes), can be
transferred. In case the command is terminated by putting SEN
low before a packet of 8 bits composing one byte is sent, writing
of that particular byte in FIFO is not performed. Figure 18 shows
how to load the Transmitting Data into the FIFO.
Figure 18:
Loading Transmitting Data into FIFO
C5
C4
C3
C2
C1
C0
X
1
1
X
SEN falling edge
signals start of
command execution
SCLK
falling edge
Data is sampled
SCLK raising
edge data is
transferred from
µC
Two leading
ONE indicate
COMMAND
Mode
SDATAI
SCLK
SEN
00
00
0
0
1 to 32
bytes
X
0
1
X
SEN falling
edge signals
end of
COMMAND
Mode
Start of
payload
Data
SCLK
falling edge
Data is sampled
SCLK raising
edge data is
transferred from
µC
10 pattern
indicates
FIFO mode
SDATAI
SCLK
SEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com