Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 56 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 56 Page - ams AG

Back Button AS3909 Datasheet HTML 52Page - ams AG AS3909 Datasheet HTML 53Page - ams AG AS3909 Datasheet HTML 54Page - ams AG AS3909 Datasheet HTML 55Page - ams AG AS3909 Datasheet HTML 56Page - ams AG AS3909 Datasheet HTML 57Page - ams AG AS3909 Datasheet HTML 58Page - ams AG AS3909 Datasheet HTML 59Page - ams AG AS3909 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
AS3909/AS3910 – 56
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
At the moment presence of external the RF field is detected an
interrupt is sent (INTR due to nfc event). The microcontroller
can now activate the oscillator, regulators and receiver.
As explained in “Target Activation Detector” on page 19, the
Target Activation Detector may also be used to detect the
moment when initiator turns off its RF field. In case the delay
time, after which the initiator turns off its field after sending its
request, is known, this feature is not needed and the Target
Activation Detector can be turned off by setting bit nfc_t low
after presence of the initiator field is detected.
Next the direct command Unmask Receive Data has to be send
to put the Receiver and control logic in the receive mode. The
AS3909/10 is now ready to receive request from the initiator.
Procedure during the reception is the same as in case of the
ISO-14443 mode.
The target response is done in the same way as in case of the
ISO-14443 transmission, only that the command which actually
starts the transmission is either NFC transmit with Response RF
Collision Avoidance or NFC transmit with Response RF Collision
Avoidance with n=0. These two commands perform the RF
Collision avoidance procedure before actually starting the
transmission. In case an external RF field is detected during the
RF Collision avoidance procedure an interrupt is sent (INTR due
to nfc event) and the transmission is not performed.
Next the AS3909/10 expects a new request from the initiator.
In case the Target Activation Detector is still enabled an
interrupt will be generated when the initiator switch on its field.
This is additional information for the external controller, but it
is not required by the receiver. The receiver is already running,
reception will be done automatically and an interrupt will be
sent when reception will be completed (or when the FIFO water
level will be reached in case of a long request).
NFCIP Initiator
In case the AS3909/10 is an NFCIP initiator, the microcontroller
activates the oscillator and receiver and prepares everything
for transmitting as in case of the ISO-14443 transmission. The
transmission is actually executed by direct command NFC
Transmit with Initial RF Collision Avoidance.
Following events are the same as described in previous chapter
only that roles of the initiator and target are interchanged.
The Target Activation Detector may also be used in case of the
NFCIP initiator operation to detect the moment when the target
RF field turns on and off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com