Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 3 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 3 Page - ams AG

  AS3909 Datasheet HTML 1Page - ams AG AS3909 Datasheet HTML 2Page - ams AG AS3909 Datasheet HTML 3Page - ams AG AS3909 Datasheet HTML 4Page - ams AG AS3909 Datasheet HTML 5Page - ams AG AS3909 Datasheet HTML 6Page - ams AG AS3909 Datasheet HTML 7Page - ams AG AS3909 Datasheet HTML 8Page - ams AG AS3909 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 3
General Des c ripti o n
Applications
The AS3909/10 is ideal for applications where the reader
antenna is directly driven (no 50Ω cable). It also includes several
unique features, which make it especially suitable for low power
and battery powered applications.
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 3:
AS3909/10 HF RFID Reader IC Block Diagram
Note: The main differences between AS3909 and AS3910 are elaborated in sections General Description, Pin Assignments, Detailed
Description, Direct Commands, Clear and Active Receive – Use in ISO-14443B Anticollision.
Logic
XTO
XTI
RFO1
RFO2
RFI1
RFI2
SPI
FIFO
Bias
Transmitter
A/D Converter
Receiver
External Field
Detector
Regulators
FIFO
Control Logic
SPI Interface
Framing
Phase &
Amplitude
Detector
Oscillator
AS3909/10 HF RFID Reader IC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com