Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 14 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 14 Page - ams AG

Back Button AS3909 Datasheet HTML 10Page - ams AG AS3909 Datasheet HTML 11Page - ams AG AS3909 Datasheet HTML 12Page - ams AG AS3909 Datasheet HTML 13Page - ams AG AS3909 Datasheet HTML 14Page - ams AG AS3909 Datasheet HTML 15Page - ams AG AS3909 Datasheet HTML 16Page - ams AG AS3909 Datasheet HTML 17Page - ams AG AS3909 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
AS3909/AS3910 – 14
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Operating Modes
The AS3909/10 operating mode is defined by the content of the
Operation Control Register (address #01).
At power up, all bits of the Operation Control Register are set to
0 and the AS3909/10 is in Power-down mode. In this mode –
the AFE static power consumption is minimized, only the POR
and part of bias are active, regulators are transparent and are
not operating. The SPI is still functional in this mode; so all
settings of ISO mode definition and configuration registers can
be done.
Control bit en (bit 7 of Operation Control Register) is controlling
both the oscillator and regulators. When this bit is set, the
device enters in Ready mode. In this mode, the oscillator and
regulators are enabled. An interrupt is sent to inform the
microcontroller when the oscillator frequency is stable.
Another possibility to enter in Ready mode is to assert EN pin
high (logic OR function between bit en and pin EN).
Enable of Receiver and Transmitter are separated, so it is
possible to operate one without switching on the other (control
bits rx_en and tx_en). In some cases this may be useful, in case
the reader field has to be maintained and there is no
transponder response expected receiver can be switched-off to
save current. Another example is NFCIP target mode in which
RF field is generated by the initiator and only Receiver operates.
The receiver also has a low power mode in which its power
consumption and as consequence sensitivity are reduced. This
mode is entered in by setting control bit rx_lp.
The last control bit of the Operation Control Register is nfc_t bit.
Setting of this bit is only allowed in case the NFC mode is set in
the ISO mode definition register. Setting this bit to one, while all
other Operation Control Register bits are set to 0, puts the
AS3909/10 into Initial NFC Target mode. In this low power
mode, only the Target Activation Detector, which will detect a
presence of external RF field, is active. Once the presence of
external RF field is detected, an interrupt is sent to
microcontroller which will in turn switch on oscillator and
receiver.
Transmitter
The Transmitter contains two identical driver blocks which are
driving external antenna connected to pins RFO1 and RFO2. The
driver is composed of 8 segments having binary weighted
output resistance. The MSB segment typical ON resistance is 3Ω;
when all segments are turned on, the output resistance is
typically 1.5Ω. Usually certain segments are switched off to
define AM modulated level, while they are all turned on to
define the non-modulated level. It is also possible to switch off
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com