Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 34 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 34 Page - ams AG

Back Button AS3909 Datasheet HTML 30Page - ams AG AS3909 Datasheet HTML 31Page - ams AG AS3909 Datasheet HTML 32Page - ams AG AS3909 Datasheet HTML 33Page - ams AG AS3909 Datasheet HTML 34Page - ams AG AS3909 Datasheet HTML 35Page - ams AG AS3909 Datasheet HTML 36Page - ams AG AS3909 Datasheet HTML 37Page - ams AG AS3909 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
AS3909/AS3910 – 34
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Transparent Mode
Enter in the Transparent mode. The Transparent mode is
entered on the falling edge of signal SEN and is maintained as
long as signal SEN is kept low. See “Transparent Mode” on
page 66 for details about the Transparent Mode.
This command is only accepted when the Transmitter and
Receiver are operating.
Registers
The 6 bit register addresses below are defined in the
hexadecimal notation. The possible address range is from
00(hex) to 3F(hex). A sign # before a number is used in this
document to reference a hexadecimal number.
There are two types of registers implemented in the AS3909/10:
configuration registers and display registers. The configuration
registers are used to configure the AS3909/10. They can be
written and read through the SPI (RW). The display registers are
read only (RO); they contain information about the AS3909/10
internal state which can be accessed through the SPI.
Main Registers
Figure 22:
ISO Mode Definition Register
Address # 00: ISO Mode Definition Register
Type: RW
Bit
Name
Def.
Function
Comments
7
nfc
0
1=NFC, 0=ISO-14443
NFC means NFCIP-1,
106 kbps active communication
mode
6
b_a
0
1=ISO-14443B, 0=ISO-14443A
Applicable in case nfc=0
5tx_rate2
0
tx_rate2
tx_rate1
tx_rate0
bit rate
Selects ISO-14443 data rate for
transmit, Applicable in case
nfc=0
4tx_rate1
0
0
0
0
106kb/s
3tx_rate0
0
00
1
212kb/s
01
0
424kb/s
01
1
848kb/s
1x
x
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com