Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 35 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 35 Page - ams AG

Back Button AS3909 Datasheet HTML 31Page - ams AG AS3909 Datasheet HTML 32Page - ams AG AS3909 Datasheet HTML 33Page - ams AG AS3909 Datasheet HTML 34Page - ams AG AS3909 Datasheet HTML 35Page - ams AG AS3909 Datasheet HTML 36Page - ams AG AS3909 Datasheet HTML 37Page - ams AG AS3909 Datasheet HTML 38Page - ams AG AS3909 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 35
Appl icatio n I n f o rm a t i o n
Note: In case nfc=1, then both transmit and receive data rates are set to 106kbps independent of TX and RX setting. Default setting
is set at power up and after Set Default command.
Figure 23:
Operation Control Register
Note: Receive low power operation sacrifices the input sensitivity for low consumption. If Rx consumption is reduced from 10mA to
5mA, then a 10mA reader operation is possible. Default setting is set at power up and after Set Default command.
2rx_rate2
0
rx_rate2
rx_rate1
rx_rate0
bit rate
Selects ISO-14443 data rate for
receive, Applicable in case nfc=0
1rx_rate1
0
0
0
0
106kb/s
0rx_rate0
0
00
1
212kb/s
01
0
424kb/s
01
1
848kb/s
1x
x
RFU
Address # 01: Operation Control Register
Type: RW
Bit
Name
Def.
Function
Comments
7en
0
en=1 enables oscillator and regulator
(Ready mode)
Is internally ORed with the EN
pin
6
rx_en
0
rx_en=1 enables receiver operation
5
rx_lp
0
rx_lp=1 low power receiver operation
Receive consumption is
reduced
4
tx_en
0
tx_en=1 enables RF output
3
nfc_t
0
nfc_t =1 enables Initial NFC Target mode
At the moment RF field is
detected, interrupt is sent.
2
Not used
1
0
Address # 00: ISO Mode Definition Register
Type: RW
Bit
Name
Def.
Function
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com