Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 27 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 27 Page - ams AG

Back Button AS3909 Datasheet HTML 23Page - ams AG AS3909 Datasheet HTML 24Page - ams AG AS3909 Datasheet HTML 25Page - ams AG AS3909 Datasheet HTML 26Page - ams AG AS3909 Datasheet HTML 27Page - ams AG AS3909 Datasheet HTML 28Page - ams AG AS3909 Datasheet HTML 29Page - ams AG AS3909 Datasheet HTML 30Page - ams AG AS3909 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 27
Appl icatio n I n f o rm a t i o n
Reading Received Data from FIFO
Reading received data from the FIFO is similar to reading data
from an addressable registers. Difference is that in case of
reading more bytes they all come from the FIFO. The command
mode code 10 indicates FIFO operations. In case of reading the
received data from the FIFO all bits
<C5 – C0> are set to 1. On the following SCLK rising edges the
data from FIFO appears as in case of read data from addressable
registers. In case the command is terminated by putting SEN
low before a packet of 8 bits composing one byte is read that
particular byte is considered unread and will be the first one
read in next FIFO read operation.
Interrupt Interface
When an interrupt condition is met the source of interrupt bit
is set in the Interrupt Register and the INTR pin transitions to
high.
The microcontroller then reads the Interrupt Register to
distinguish between different interrupt sources. After the
Interrupt Register is read its content is reset to 0 and INTR pin
signal transitions to low.
Note(s):There may be more than one Interrupt Register bit set
in case the microcontroller did not immediately read the
Interrupt Register after the INTR signal was set and another event
causing interrupt occurred.
In case an interrupt from a certain source is not required it can
be disabled by setting corresponding bit in the Mask Interrupt
Register. In case of masking a certain interrupt source the
interrupt is not produced, but the source of interrupt bit is still
set in Interrupt Register.
After reading the Interrupt Register the 13.56MHz clock coming
from the oscillator is used to produce a reset signal which clears
it and resets INTR signal. Practically in all interrupt cases the
oscillator is running when an interrupt is produced. The only
exception is the interrupt in the Initial NFC Target mode where
only the Target Activation Detector is operating. In this case the
interrupt is cleared with first SCLK rising edge following reading
of the Interrupt Register (an extra dummy CLK pulse during
reading of the Interrupt Register or first SCLK pulse of the next
SPI command will do the job).
Figure 19:
Serial Peripheral Interface (4-wire Interface) Signal Lines
Name
Signal
Signal Level
Description
INTR
Digital Output
CMOS
Interrupt Output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com