Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 42 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 42 Page - ams AG

Back Button AS3909 Datasheet HTML 38Page - ams AG AS3909 Datasheet HTML 39Page - ams AG AS3909 Datasheet HTML 40Page - ams AG AS3909 Datasheet HTML 41Page - ams AG AS3909 Datasheet HTML 42Page - ams AG AS3909 Datasheet HTML 43Page - ams AG AS3909 Datasheet HTML 44Page - ams AG AS3909 Datasheet HTML 45Page - ams AG AS3909 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
AS3909/AS3910 – 42
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Note: At power up and after Set Default command, content of this register is set to 0.
After Interrupt register read, its content is set to 0
Figure 31:
FIFO Status Register
Note: At power up and after direct commands, Set Default and Clear content of this register is set to 0.
0
I_col
INTR due to bit collision
Valid only for ISO-14443A
Address # 09: FIFO Status Register
Type: R
Bit
Name
Function
Comments
7fifo_b5
Number of bytes (binary coded) in the
FIFO which were not read out
Valid range is from 000000 to 100000
6fifo_b4
5fifo_b3
4fifo_b2
3fifo_b1
2fifo_b0
1
fifo_ovr
FIFO overflow
0rx_act
Active receive. This bit is set to 1 when
start of transponder message is
detected and stays high until end of
receive.
By reading this bit it can be checked
whether transponder is answering. See also
Application Notes (Active receive).
Address # 08: Interrupt Register
Type: R
Bit
Name
Function
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com