Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 45 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 45 Page - ams AG

Back Button AS3909 Datasheet HTML 41Page - ams AG AS3909 Datasheet HTML 42Page - ams AG AS3909 Datasheet HTML 43Page - ams AG AS3909 Datasheet HTML 44Page - ams AG AS3909 Datasheet HTML 45Page - ams AG AS3909 Datasheet HTML 46Page - ams AG AS3909 Datasheet HTML 47Page - ams AG AS3909 Datasheet HTML 48Page - ams AG AS3909 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 45
Appl icatio n I n f o rm a t i o n
Antenna Calibration Registers
Figure 36:
Antenna Calibration Register
Note: At power up and after Set Default command content of this register is set to 0.
Figure 37:
External Trim Register
Note: Default setting is set at power up and after Set Default command.
Address # 0E: Antenna Calibration Register
Type: R
Bit
Name
Function
Comments
7
tri_3
MSB
This register stores result of Calibrate
antenna command. LC trim switches are
defined by data written in this register in
case trim_s=0. A bit set to 1 indicates that
corresponding transistor on TRIM1_x and
TRIM2_x pin is switched on.
6tri_2
5tri_1
4
tri_0
LSB
3
tri_err
1
→ antenna calibration error
Set when Calibrate antenna sequence was
not able to adjust resonance
2
Not used
1
0
Address # 0F: External Trim Register
Type: RW
Bit
Name
Def.
Function
Comments
7trim_s0
0
→ LC trim switches are
defined by result of Calibrate
antenna command
1
→ LC trim switches are
defined by bits tre_x written
in this register
Defines source of driving switches on TRIMx
pins
6tre_3
0
MSB
LC trim switches are defined by data written
in this register in case trim_s=1. A bit set to 1
switch on transistor on TRIM1_x and
TRIM2_x pin.
5
tre_2
0
4
tre_1
0
3tre_0
0
LSB
2
Not used
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com