Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 41 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 41 Page - ams AG

Back Button AS3909 Datasheet HTML 37Page - ams AG AS3909 Datasheet HTML 38Page - ams AG AS3909 Datasheet HTML 39Page - ams AG AS3909 Datasheet HTML 40Page - ams AG AS3909 Datasheet HTML 41Page - ams AG AS3909 Datasheet HTML 42Page - ams AG AS3909 Datasheet HTML 43Page - ams AG AS3909 Datasheet HTML 44Page - ams AG AS3909 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 41
Appl icatio n I n f o rm a t i o n
Interrupt Register and Associated Registers
Figure 29:
Mask Interrupt Register
Note: Default setting is set at power up and after Set Default command.
Figure 30:
Interrupt Register
Address # 07: Mask Interrupt Register
Type: RW
Bit
Name
Def.
Function
Comments
7
M_osc
0
mask INTR when oscillator frequency is stable
6
M_nfc
0
mask INTR due to nfc event
5
M_wl
0
mask INTR due to FIFO water level
4
M_rxs
0
mask INTR due to end of receive
3
M_txe
0
mask INTR due to end of transmission
2
M_err
0
mask INTR due to error in receive data coding
1
M_crc
0
mask INTR due to CRC error
0
M_col
0
mask INTR due to bit collision
Address # 08: Interrupt Register
Type: R
Bit
Name
Function
Comments
7I_osc
INTR when oscillator frequency is
stable
Set after enable
6
I_nfc
INTR due to nfc event
Set when nfc_t is 1 and en=0 informing that
an RF field has been detected,
Set when transmission could not be done
due to detection of RF field during RF
Collision Avoidance
5
I_wl
INTR due to FIFO water level
Set during receive, informing that FIFO is
almost full and has to be read out.
Set during transmit, informing that FIFO is
almost empty and that additional data has
to be sent.
4I_rxs
INTR due to end of receive
3
I_txe
INTR due to end of transmission
2I_err
INTR due to error in receive data
coding
This includes parity error and framing error
1
I_crc
INTR due to CRC error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com