Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 61 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 61 Page - ams AG

Back Button AS3909 Datasheet HTML 57Page - ams AG AS3909 Datasheet HTML 58Page - ams AG AS3909 Datasheet HTML 59Page - ams AG AS3909 Datasheet HTML 60Page - ams AG AS3909 Datasheet HTML 61Page - ams AG AS3909 Datasheet HTML 62Page - ams AG AS3909 Datasheet HTML 63Page - ams AG AS3909 Datasheet HTML 64Page - ams AG AS3909 Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 61
Appl icatio n I n f o rm a t i o n
The figure below depicts setting of the mod bits for some often
used modulation indexes.
Figure 50:
Setting mod bits for Modulation Indexes
Execution of Direct Command Calibrate Modulation Depth
The modulation level is adjusted by increasing the RFO1 and
RFO2 driver output resistance. The RFO drivers are composed
of 8 binary weighted segments. Usually all these segments are
turned on to define the normal, non-modulated level, there is
also a possibility to increase the output resistance of the
non-modulated state by writing the Antenna driver
non-modulated level definition register (#13).
Before sending the direct command Calibrate Modulation Depth
the oscillator and regulators have to be turned on. When the
direct command Calibrate Modulation Depth is sent the
following procedure is executed:
1.
The Transmitter is turned on, non-modulated level is
established
2.
The amplitude of the non-modulated carrier level
established on the inputs RFI1 and RFI2 is measured by
the A/D converter and stored in the A/D Converter
Output Register
3.
Based on the measurement of the non-modulated level
and the target modulated level defined by the bits mod5
to mod0 the target modulated level is calculated
4.
The output driver control is taken over by the eight bit
Calibrate Register with initial level defined in the
Antenna Driver Non-Modulated Level Definition Register
(#13). Content of the Calibrate Register is incremented
by 1 to increase the driver resistance, the reduced
amplitude is measured by the A/D converter and the
result is compared to the target modulation level.
5.
The procedure from previous point is repeated as long
as the measured level is greater than target level.
modulation index [%]
a/b [dec]
a/b [bin]
mod5………mod0
8
1,1739
1,001011
001011
10
1,2222
1,001110
001110
14
1,3256
1,010100
010100
20
1,5000
1,100000
100000
30
1,8571
1,110111
110111
33
1,9843
1,111111
111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com