Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 32 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 32 Page - ams AG

Back Button AS3909 Datasheet HTML 28Page - ams AG AS3909 Datasheet HTML 29Page - ams AG AS3909 Datasheet HTML 30Page - ams AG AS3909 Datasheet HTML 31Page - ams AG AS3909 Datasheet HTML 32Page - ams AG AS3909 Datasheet HTML 33Page - ams AG AS3909 Datasheet HTML 34Page - ams AG AS3909 Datasheet HTML 35Page - ams AG AS3909 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
AS3909/AS3910 – 32
ams Datasheet, Confidential: 2013-Oct [3-02]
A p pl i c at io n I n f o r m at i o n
Measure RF
This command measures the amplitude on the RFI inputs and
stores result in the A/D Converter Output Register (see also “A/D
Converter” on page 11 and “Amplitude Detector” on page 19).
When this command is executed the output of the Amplitude
detector is multiplexed to the A/D converter input (the A/D
converter is in absolute mode). The Amplitude Detector
conversion gain is 0.6 Vinpp/Vout. One LSB of the A/D converter
output represents 13.02mVpp on the RFI inputs, a 3Vpp signal
which is maximum allowed level on each of the two RFI inputs
results in 1.8V output DC voltage and would produce the value
of 1110 0110 on the A/D converter output.
Duration time: 42μs max.
This command is accepted in any mode where the oscillator and
regulators are running.
Squelch
This direct command is intended to avoid demodulation
problems of transponders which produce a lot of noise during
data processing (while data sent by reader is processed and
answer prepared). It can also be used in a noisy environment.
The operation of this command is explained in “Squelch” on
page 16.
Duration time: 500μs max
This command is only accepted when the Transmitter and
Receiver are operating.
Clear Squelch
Clears the gain reduction which was established by sending
Squelch command.
This command is accepted in any mode.
Adjust Regulators
When this command is sent the power supply level of VDD is
measured in maximum load conditions and the regulated
voltage reference is set 250 mV below this measured level to
assure maximum possible stable regulated supply (see “Power
Supply, Regulators” on page 21). Using this command increases
the system PSSR.
At the beginning of execution of this command, both the
receiver and transmitter are switched on to have the maximum
current consumption, the regulators are set to the maximum
3.4V regulated voltage. After 300μs VSP_RF is compared to VDD,
in case VSP_RF is not at least 250mV lower the regulator setting
is reduced for one step (100mV) and measurement is done after
300μs. Procedure is repeated as long as VSP_RF drops 250mV
below VDD of until minimum regulated voltage (2.4V) is
reached.
Duration time: 5ms max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com