Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3909 Datasheet(PDF) 13 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 13 Page - ams AG

Back Button AS3909 Datasheet HTML 9Page - ams AG AS3909 Datasheet HTML 10Page - ams AG AS3909 Datasheet HTML 11Page - ams AG AS3909 Datasheet HTML 12Page - ams AG AS3909 Datasheet HTML 13Page - ams AG AS3909 Datasheet HTML 14Page - ams AG AS3909 Datasheet HTML 15Page - ams AG AS3909 Datasheet HTML 16Page - ams AG AS3909 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 13
Detaile d Desc rip t ion
ISO-14443 and NFCIP Framing
This block performs ISO-14443 and NFCIP-1 106 kbps active
communication framing for receive and transmit according to
the selected ISO mode and data rate settings.
• In reception, it takes demodulated subcarrier signal from
Receiver. It recognizes the SOF, EOF and data bits;
performs parity and CRC check; organizes the received
data in bytes and places them in the FIFO.
• During transmit, it operates inversely; it takes bytes from
FIFO; generates parity and CRC bits; adds SOF and EOF;
and performs final encoding before passing modulation
signal to transmitter.
• In Transparent mode, the framing and FIFO are bypassed;
the digitized subcarrier signal, which is Receiver output is
directly sent to SDATAO pin; signal applied to SDATAI pin
is directly used to modulate the transmitter.
FIFO
The AS3909/10 contains a 32byte FIFO. Depending on the
mode, it contains either data that has been received or data that
is to be transmitted.
Control Logic
The control logic contains I/O registers, which define the
operation of device.
SPI Interface
A 4-wire Serial Peripheral interface (SPI) is used for
communication between external microcontroller and the
AS3909/10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com