Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 64 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 60Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 61Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 62Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 63Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 64Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 65Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 66Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 67Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 242 page
background image
64
4341H–MP3–10/07
AT8xC51SND2C/MP3B
13.1.2
MP3 Data
The MP3 decoder does not start any frame decoding before having a complete frame in its input
buffer(1). In order to manage the load of MP3 data in the frame buffer, a hardware handshake
consisting of data request and data acknowledgment is implemented. Each time the MP3
decoder needs MP3 data, it sets the MPREQ, MPFREQ and MPBREQ flags respectively in
MP3STA and MP3STA1 registers. MPREQ flag can generate an interrupt if enabled as
explained in Section “Interrupt”. The CPU must then load data in the buffer by writing it through
MP3DAT register thus acknowledging the previous request. As shown in Figure 13-2, the
MPFREQ flag remains set while data (i.e a frame) is requested by the decoder. It is cleared
when no more data is requested and set again when new data are requested. MPBREQ flag
toggles at every Byte writing.
Note:
1. The first request after enable, consists in 1024 Bytes of data to fill in the input buffer.
Figure 13-2. Data Timing Diagram
13.1.3
MP3 Clock
The MP3 decoder clock is generated by division of the PLL clock. The division factor is given by
MPCD4:0 bits in MP3CLK register. Figure 13-3 shows the MP3 decoder clock generator and its
calculation formula. The MP3 decoder clock frequency depends only on the incoming MP3
frames.
Figure 13-3. MP3 Clock Generator and Symbol
As soon as the frame header has been decoded and the MPEG version extracted, the minimum
MP3 input frequency must be programmed according to Table 13-1.
Table 13-1.
MP3 Clock Frequency
MPFREQ Flag
MPBREQ Flag
MPREQ Flag
Cleared when Reading MP3STA
Write to MP3DAT
MPEG Version
Minimum MP3 Clock (MHz)
I
21
II
10.5
MPCD4:0
MP3CLK
MP3 Decoder Clock
MP3clk
PLL clk
MPCD
1
+
----------------------------
=
MP3
CLOCK
MP3 Clock Symbol
PLL
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com