Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 75Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 76Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 77Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 78Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 79Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 80Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 81Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 82Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 242 page
background image
79
4341H–MP3–10/07
AT8xC51SND2C/MP3B
Reset Value = 1011 0010b
Table 14-5.
AUDSTA Register
AUDSTA (S:9Ch Read Only) – Audio Interface Status Register
Reset Value = 1100 0000b
6
DRQEN
MP3 Decoded Data Request Enable Bit
Set to enable data request to the MP3 decoder and to start playing song.
Clear to disable data request to the MP3 decoder.
5
MSREQ
Audio Sample Request Flag Mask Bit
Set to prevent the SREQ flag from generating an audio interrupt.
Clear to allow the SREQ flag to generate an audio interrupt.
4
MUDRN
Audio Sample Under-run Flag Mask Bit
Set to prevent the UDRN flag from generating an audio interrupt.
Clear to allow the UDRN flag to generate an audio interrupt.
3
-
Reserved
The value read from this bit is always 0. Do not set this bit.
2 - 1
DUP1:0
Audio Duplication Factor
Refer to Table 14-2 for bits description.
0
AUDEN
Audio Interface Enable Bit
Set to enable the audio interface.
Clear to disable the audio interface.
7
6
5
4
3
2
1
0
SREQ
UDRN
AUBUSY
-
-
-
-
-
Bit Number
Bit
Mnemonic
Description
7
SREQ
Audio Sample Request Flag
Set in C51 audio source mode when the audio interface request samples (buffer half
empty). This bit generates an interrupt if not masked and if enabled in IEN0.
Cleared by hardware when samples are loaded in AUDDAT.
6
UDRN
Audio Sample Under-run Flag
Set in C51 audio source mode when the audio interface runs out of samples (buffer
empty). This bit generates an interrupt if not masked and if enabled in IEN0.
Cleared by hardware when samples are loaded in AUDDAT.
5
AUBUSY
Audio Interface Busy Bit
Set in C51 audio source mode when the audio interface can not accept more sample
(buffer full).
Cleared by hardware when buffer is no more full.
4 - 0
-
Reserved
The value read from these bits is always 0. Do not set these bits.
Bit Number
Bit
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com