Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89SND2CMP3B Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 20Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 21Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 22Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 23Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 24Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 25Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 26Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 27Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 242 page
background image
24
4341H–MP3–10/07
AT8xC51SND2C/MP3B
7.
Data Memory
The AT8xC51SND2C provides data memory access in 2 different spaces:
1.
The internal space mapped in three separate segments:
–
The lower 128 Bytes RAM segment
–
The upper 128 Bytes RAM segment
–
The expanded 2048 Bytes RAM segment
2.
The external space.
A fourth internal segment is available but dedicated to Special Function Registers, SFRs,
(addresses 80h to FFh) accessible by direct addressing mode. For information on this segment,
refer to the Section “Special Function Registers”, page 31.
Figure 7-1 shows the internal and external data memory spaces organization.
Figure 7-1.
Internal and External Data Memory Organization
7.1
Internal Space
7.1.1
Lower 128 Bytes RAM
The lower 128 Bytes of RAM (see Figure 7-2) are accessible from address 00h to 7Fh using
direct or indirect addressing modes. The lowest 32 Bytes are grouped into 4 banks of 8 registers
(R0 to R7). 2 bits RS0 and RS1 in PSW register (see Table 7-4) select which bank is in use
according to Table 7-1. This allows more efficient use of code space, since register instructions
are shorter than instructions that use direct addressing, and can be used for context switching in
interrupt service routines.
Table 7-1.
Register Bank Selection
2K Bytes
Upper
128 Bytes
Internal RAM
Lower
128 Bytes
Internal RAM
Special
Function
Registers
80h
80h
00h
7FFh
FFh
00h
FFh
64K Bytes
External XRAM
0000h
FFFFh
Direct Addressing
Addressing
0800h
7Fh
Internal ERAM
Direct or Indirect
Indirect Addressing
EXTRAM = 0
EXTRAM = 1
RS1
RS0
Description
0
0
Register bank 0 from 00h to 07h
0
1
Register bank 1 from 08h to 0Fh
1
0
Register bank 2 from 10h to 17h
1
1
Register bank 3 from 18h to 1Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com